Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6755ACPZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADRF6755ACPZ
Description  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6755ACPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADRF6755ACPZ Datasheet HTML 15Page - Analog Devices ADRF6755ACPZ Datasheet HTML 16Page - Analog Devices ADRF6755ACPZ Datasheet HTML 17Page - Analog Devices ADRF6755ACPZ Datasheet HTML 18Page - Analog Devices ADRF6755ACPZ Datasheet HTML 19Page - Analog Devices ADRF6755ACPZ Datasheet HTML 20Page - Analog Devices ADRF6755ACPZ Datasheet HTML 21Page - Analog Devices ADRF6755ACPZ Datasheet HTML 22Page - Analog Devices ADRF6755ACPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
Data Sheet
ADRF6755
Rev. B | Page 19 of 48
Figure 41. Attenuator Absolute Step Accuracy Distribution at Nominal
and Worst-Case Conditions, LO > 300 MHz, All Attenuation Steps
Figure 42. Gain Flatness in any 40 MHz for all Attenuation Steps vs.
LO Frequency at Nominal Conditions
Figure 43. Attenuator Setting Time to 0.2 dB for Small Steps (1 dB to 6 dB) at
Nominal Conditions
Figure 44. Attenuator Settling Time to 0.5 dB for Small Steps
(1 dB to 6 dB) at Nominal Conditions
Figure 45. Attenuator Settling Time to 0.2 dB for Large Steps
(7 dB to 47 dB) at Nominal Conditions
Figure 46. Attenuator Settling Time to 0.5 dB for Large Steps
(7 dB to 47 dB) at Nominal Conditions
0
5
10
15
20
25
30
–5.0 –4.6 –4.2 –3.8 –3.4 –3.0 –2.6 –2.2 –1.8 –1.4 –1.0 –0.6 –0.2 0.2
ATTENUATOR ABSOLUTE STEP ACCURACY (dB)
NOMINAL
WORST CASE
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
100 300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500
LO FREQUENCY (MHz)
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
50
STARTING ATTENUATOR STEP
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
50
STARTING ATTENUATOR STEP
0
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
25
30
35
40
45
50
STARTING ATTENUATOR STEP
0
2
4
6
8
10
12
14
16
18
20
0
5
10
15
20
25
30
35
40
45
50
STARTING ATTENUATOR STEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com