Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6755ACPZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF6755ACPZ
Description  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6755ACPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF6755ACPZ Datasheet HTML 3Page - Analog Devices ADRF6755ACPZ Datasheet HTML 4Page - Analog Devices ADRF6755ACPZ Datasheet HTML 5Page - Analog Devices ADRF6755ACPZ Datasheet HTML 6Page - Analog Devices ADRF6755ACPZ Datasheet HTML 7Page - Analog Devices ADRF6755ACPZ Datasheet HTML 8Page - Analog Devices ADRF6755ACPZ Datasheet HTML 9Page - Analog Devices ADRF6755ACPZ Datasheet HTML 10Page - Analog Devices ADRF6755ACPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
Data Sheet
ADRF6755
Rev. B | Page 7 of 48
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
GAIN CONTROL
Gain Range
47
dB
Step Size
1
dB
Relative Step Accuracy
Fixed frequency, adjacent steps, all attenuation steps,
LO > 300 MHz2
±0.3
dB
Over full frequency range, adjacent steps, all attenuation
steps, LO > 300 MHz3
±1.5
dB
Absolute Step Accuracy4
47 dB attenuation step, LO > 300 MHz5
−2.0
dB
Output Settling Time
Any step; output power settled to ±0.2 dB
15
µs
OUTPUT DISABLE
TXDIS pin
Off Isolation
RFOUT, attenuator setting = 0 dB to 47 dB, TXDIS high
−100
dBm
LO, attenuator setting = 0 dB to 47 dB, TXDIS high
−75
dBm
2× LO, attenuator setting = 0 dB to 47 dB, TXDIS high
−50
dBm
Turn-On Settling Time
TXDIS high to low: output power to 90% of envelope
180
ns
Frequency settling to 100 Hz
20
µs
Turn-Off Settling Time
TXDIS low to high (to −55 dBm)
350
ns
MONITOR OUTPUT
LOMON, LOMON pins
Nominal Output Power
−24
dBm
BASEBAND INPUTS
IBB, IBB, QBB, QBB pins
I and Q Input Bias Level
500
mV
3 dB Bandwidth
600
MHz
LOGIC INPUTS
Input High Voltage, VINH
CS, TXDIS pins
1.4
V
Input Low Voltage, VINL
CS, TXDIS pins
0.6
V
Input High Voltage, VINH
SDI/SDA, CLK/SCL pins
2.1
V
Input Low Voltage, VINL
SDI/SDA, CLK/SCL pins
1.1
V
Input Current, IINH/IINL
CS, TXDIS, SDI/SDA, CLK/SCL pins
±1
µA
Input Capacitance, CIN
CS, TXDIS, SDI/SDA, CLK/SCL pins
10
pF
LOGIC OUTPUTS
Output High Voltage, VOH
SDO, LDET pins; IOH = 500 μA
2.8
V
Output Low Voltage, VOL
SDO, LDET pins; IOL = 500 μA
0.4
V
SDA (SDI/SDA); IOL = 3 mA
0.4
V
POWER SUPPLIES
VCC1, VCC2, VCC3, VCC4, VREG1, VREG2, VREG3, VREG4,
VREG5, VREG6, and REGOUT pins;
REGOUT normally connected to VREG1, VREG2, VREG3,
VREG4, VREG5, and VREG6
Voltage Range
VCC1, VCC2, VCC3, and VCC4
4.75
5
5.25
V
REGOUT, VREG1, VREG2, VREG3, VREG4, VREG5, and
VREG6
3.3
V
Supply Current
VCC1, VCC2, VCC3, and VCC4 combined; REGOUT con-
nected to VREG1, VREG2, VREG3, VREG4, VREG5, and
VREG6
380
420
mA
Power-Down Current
CR29[0] = 0, power down modulator,
CR12[2] = 1, power down PLL,
CR28[4] = 1, power down RFDIVIDER,
CR27[2] = 0, power down LOMON
7
mA
Operating Temperature
−40
+85
°C
1
LO carrier feedthrough is expressed in dBc relative to the RF output power changing as the attenuator is stepped. LO carrier feedthrough is constant as the RF output
is altered due to a change in the I/Q input amplitude.
2
For relative step accuracy at LO < 300 MHz, refer to Figure 37.
3
For relative step accuracy over frequency range at LO < 300 MHz, refer to Figure 39.
4
All other attenuation steps have an absolute error of <±2.0 dB.
5
For absolute step accuracy at LO < 300 MHz, refer to Figure 40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com