Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6755ACPZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADRF6755ACPZ
Description  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6755ACPZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADRF6755ACPZ Datasheet HTML 12Page - Analog Devices ADRF6755ACPZ Datasheet HTML 13Page - Analog Devices ADRF6755ACPZ Datasheet HTML 14Page - Analog Devices ADRF6755ACPZ Datasheet HTML 15Page - Analog Devices ADRF6755ACPZ Datasheet HTML 16Page - Analog Devices ADRF6755ACPZ Datasheet HTML 17Page - Analog Devices ADRF6755ACPZ Datasheet HTML 18Page - Analog Devices ADRF6755ACPZ Datasheet HTML 19Page - Analog Devices ADRF6755ACPZ Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
ADRF6755
Data Sheet
Rev. B | Page 16 of 48
Figure 23. Output Return Loss at Different Attenuation Settings vs. Output
Frequency, Supply, and Temperature
Figure 24. RF Output Spectral Plot over a 10 MHz Span
Figure 25. RF Output Spectral Plot over a 100 MHz Span
Figure 26. RF Output Spectral Plot over a Wide Span
Figure 27. Phase Noise Performance vs. LO Frequency, Nominal Conditions
Figure 28. Phase Noise Performance vs. LO Frequency, Supply,
and Temperature
–28
–26
–24
–22
–20
–18
–16
–14
–12
–10
100 300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500
OUTPUT FREQUENCY (MHz)
ATTENUATION = 0dB
ATTENUATION = 21dB AND 47dB
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1870 1871 1872 1873 1874 1875 1876 1877 1878 1879 1880
FREQUENCY (MHz)
LOWER
SIDEBAND
CARRIER
FEEDTHROUGH
SUPPRESSED
SIDEBAND
SECOND
HARMONIC
THIRD
HARMONIC
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1825 1835 1845 1855 1865 1875 1885 1895 1905 1915 1925
FREQUENCY (MHz)
LOWER
SIDEBAND
CARRIER
FEEDTHROUGH
SUPPRESSED
SIDEBAND
THIRD
HARMONIC
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
1
2
3
4
5
6
7
8
9
10
FREQUENCY (MHz)
3 × LO
HARMONIC
LOWER
SIDEBAND
2 × LO
HARMONIC
4 × LO
HARMONIC
5 × LO
HARMONIC
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
100
1k
10k
100k
1M
10M
OFFSET FREQUENCY (Hz)
LO FREQUENCY = 2400MHz
LO FREQUENCY = 1200MHz
LO FREQUENCY = 580MHz
LO FREQUENCY = 290MHz
LO FREQUENCY = 100MHz
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
100
1k
10k
100k
1M
10M
OFFSET FREQUENCY (Hz)
LO FREQUENCY = 2500MHz
LO FREQUENCY = 100MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com