Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6755ACPZ Datasheet(PDF) 20 Page - Analog Devices

Part # ADRF6755ACPZ
Description  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6755ACPZ Datasheet(HTML) 20 Page - Analog Devices

Back Button ADRF6755ACPZ Datasheet HTML 16Page - Analog Devices ADRF6755ACPZ Datasheet HTML 17Page - Analog Devices ADRF6755ACPZ Datasheet HTML 18Page - Analog Devices ADRF6755ACPZ Datasheet HTML 19Page - Analog Devices ADRF6755ACPZ Datasheet HTML 20Page - Analog Devices ADRF6755ACPZ Datasheet HTML 21Page - Analog Devices ADRF6755ACPZ Datasheet HTML 22Page - Analog Devices ADRF6755ACPZ Datasheet HTML 23Page - Analog Devices ADRF6755ACPZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
ADRF6755
Data Sheet
Rev. B | Page 20 of 48
Figure 47. Attenuator Settling Time to 0.2 dB and 0.5 dB Distribution at
Nominal and Worst-Case Conditions for Typical Small Step
Figure 48. Attenuator Settling Time to 0.2 dB and 0.5 dB Distribution at
Nominal and Worst-Case Conditions for Worst-Case Small Step (36 dB to 42 dB)
Figure 49. Attenuator Settling Time to 0.2 dB and 0.5 dB Distribution at
Nominal and Worst-Case Conditions for Typical Large Step
Figure 50. Attenuator Settling Time to 0.2 dB and 0.5 dB Distribution at
Nominal and Worst-Case Conditions for Worst-Case Large Step
(47 dB to 0 dB)
Figure 51. TXDIS Settling Time at Worst-Case Supply
and Temperature
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
ATTENUATOR SETTLING TIME (µs)
NOMINAL SETTLING TIME TO 0.2dB
WORST CASE SETTLING TIME TO 0.2dB
NOMINAL SETTLING TIME TO 0.5dB
WORST CASE SETTLING TIME TO 0.5dB
0
10
20
30
40
50
60
70
80
90
100
0
3
6
9
12
15
18
21
24
ATTENUATOR SETTLING TIME (µs)
NOMINAL SETTLING TIME TO 0.2dB
WORST CASE SETTLING TIME TO 0.2dB
NOMINAL SETTLING TIME TO 0.5dB
WORST CASE SETTLING TIME TO 0.5dB
0
10
20
30
40
50
60
70
80
90
100
0
3
6
9
12
15
18
21
ATTENUATOR SETTLING TIME (µs)
NOMINAL SETTLING TIME TO 0.2dB
WORST CASE SETTLING TIME TO 0.2dB
NOMINAL SETTLING TIME TO 0.5dB
WORST CASE SETTLING TIME TO 0.5dB
0
5
10
15
20
25
30
35
40
45
50
0
3
6
9
12
15
18
21
24
27
30
33
ATTENUATOR SETTLING TIME (µs)
NOMINAL SETTLING TIME TO 0.2dB
WORST CASE SETTLING TIME TO 0.2dB
NOMINAL SETTLING TIME TO 0.5dB
WORST CASE SETTLING TIME TO 0.5dB
–70
–60
–50
–40
–30
–20
–10
0
0
1
2
3
4
5
6
7
8
TXDIS SETTLING TIME (μs)
TXDIS
TURN-ON = 180ns
TURN-OFF= 350ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com