Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6755ACPZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF6755ACPZ
Description  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6755ACPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF6755ACPZ Datasheet HTML 9Page - Analog Devices ADRF6755ACPZ Datasheet HTML 10Page - Analog Devices ADRF6755ACPZ Datasheet HTML 11Page - Analog Devices ADRF6755ACPZ Datasheet HTML 12Page - Analog Devices ADRF6755ACPZ Datasheet HTML 13Page - Analog Devices ADRF6755ACPZ Datasheet HTML 14Page - Analog Devices ADRF6755ACPZ Datasheet HTML 15Page - Analog Devices ADRF6755ACPZ Datasheet HTML 16Page - Analog Devices ADRF6755ACPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
Data Sheet
ADRF6755
Rev. B | Page 13 of 48
TYPICAL PERFORMANCE CHARACTERISTICS
VCC = 5 V ± 5%, operating temperature range = −40°C to +85°C, I/Q inputs = 0.9 V p-p differential sine waves in quadrature on a 500 mV dc
bias, REFIN = 80 MHz, PFD = 40 MHz, baseband frequency = 1 MHz, LOMON is off, loop bandwidth (LBW) = 100 kHz, ICP = 5 mA,
unless otherwise noted. A nominal condition is defined as 25°C, 5.00 V, and an LO frequency of 1800 MHz. A worst-case condition is
defined as having the worst-case temperature, supply voltage, and LO frequency.
Figure 5. Output Power vs. LO Frequency, Supply, and Temperature
Figure 6. Output Power Distribution at Nominal and
Worst-Case Conditions
Figure 7. Sideband Suppression vs. LO Frequency, Supply, and Temperature
Figure 8. Sideband Suppression Distribution at Nominal and
Worst-Case Conditions
Figure 9. LO Carrier Feedthrough vs. LO Frequency, Attenuation,
Supply, and Temperature
Figure 10. LO Carrier Feedthrough Distribution at Nominal and Worst-Case
Conditions and Attenuation Setting
–5
–4
–3
–2
–1
0
1
2
100 300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500
LO FREQUENCY (MHz)
25°C; 5V
85°C; 4.75V
85°C; 5.25V
–40°C; 4.75V
–40°C; 5.25V
0
5
10
15
20
25
–4.2 –3.8 –3.4 –3.0 –2.6 –2.2 –1.8 –1.4 –1.0 –0.6 –0.2 0.2 0.6 1.0
OUTPUT POWER (dBm)
NOMINAL
WORST CASE
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
100 300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500
LO FREQUENCY (MHz)
+25°C, 5.00V
+85°C, 4.75V
+85°C, 5.25V
–40°C, 4.75V
–40°C, 5.25V
0
10
20
30
40
50
60
–60
–55
–50
–45
–40
–35
–30
SIDEBAND SUPPRESSION (dBc)
NOMINAL
WORST CASE
–80
–75
–70
–65
–60
–55
–50
–45
–40
–35
–30
100 300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500
LO FREQUENCY (MHz)
0
10
20
30
40
50
60
70
80
–60 –58 –56 –54 –52 –50 –48 –46 –44 –42 –40 –38 –36 –34 –32 –30
LO CARRIER FEEDTHROUGH (dBc)
NOMINAL
WORST CASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com