Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6755ACPZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF6755ACPZ
Description  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6755ACPZ Datasheet(HTML) 4 Page - Analog Devices

  ADRF6755ACPZ Datasheet HTML 1Page - Analog Devices ADRF6755ACPZ Datasheet HTML 2Page - Analog Devices ADRF6755ACPZ Datasheet HTML 3Page - Analog Devices ADRF6755ACPZ Datasheet HTML 4Page - Analog Devices ADRF6755ACPZ Datasheet HTML 5Page - Analog Devices ADRF6755ACPZ Datasheet HTML 6Page - Analog Devices ADRF6755ACPZ Datasheet HTML 7Page - Analog Devices ADRF6755ACPZ Datasheet HTML 8Page - Analog Devices ADRF6755ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
ADRF6755
Data Sheet
Rev. B | Page 4 of 48
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RF OUTPUT = 700 MHz
RFOUT pin
Nominal Output Power
VIQ = 0.9 V p-p differential
0.2
dBm
Gain Flatness
Any 40 MHz
±0.5
dB
Output P1dB
9.4
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz, POUT = −6 dBm per tone
23.0
dBm
Output Return Loss
Attenuator setting = 0 dB
−16
dB
LO Carrier Feedthrough1
Attenuator setting = 0 dB to 47 dB
−48
dBc
2× LO Carrier Feedthrough
Attenuator setting = 0 dB to 47 dB
−70
dBm
Sideband Suppression
−70
dBc
Noise Floor
I/Q inputs = 0 V p-p differential, attenuator setting = 0 dB
−158
dBm/Hz
Baseband Harmonics
−60
dBc
Synthesizer Spurs
Integer boundary < loop bandwidth
−60
dBc
>10 MHz offset from carrier
−85
dBc
Phase Noise
100 Hz offset
−97
dBc/Hz
1 kHz offset
−106
dBc/Hz
10 kHz offset
−112
dBc/Hz
100 kHz offset
−115
dBc/Hz
1 MHz offset
−139
dBc/Hz
10 MHz offset
−154
dBc/Hz
Integrated Phase Noise
1 kHz to 8 MHz integration bandwidth
0.07
° rms
RF OUTPUT = 900 MHz
RFOUT pin
Nominal Output Power
VIQ = 0.9 V p-p differential
0.0
dBm
Gain Flatness
Any 40 MHz
±0.5
dB
Output P1dB
9.2
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz, POUT = −6 dBm per tone
22.8
dBm
Output Return Loss
Attenuator setting = 0 dB
−15
dB
LO Carrier Feedthrough1
Attenuator setting = 0 dB to 47 dB
−48
dBc
2× LO Carrier Feedthrough
Attenuator setting = 0 dB to 47 dB
−68
dBm
Sideband Suppression
−60
dBc
Noise Floor
I/Q inputs = 0 V p-p differential, attenuator setting = 0 dB
−158.5
dBm/Hz
Attenuator setting = 0 dB to 21 dB, carrier offset = 10 MHz
−152
dBc/Hz
Attenuator setting = 21 dB to 47 dB, carrier offset = 10 MHz
−171
dBm/Hz
Baseband Harmonics
−60
dBc
Synthesizer Spurs
Integer boundary < loop bandwidth
−60
dBc
>10 MHz offset from carrier
−80
dBc
Phase Noise
100 Hz offset
−94
dBc/Hz
1 kHz offset
−104
dBc/Hz
10 kHz offset
−109
dBc/Hz
100 kHz offset
−114
dBc/Hz
1 MHz offset
−139
dBc/Hz
10 MHz offset
−154
dBc/Hz
Integrated Phase Noise
1 kHz to 8 MHz integration bandwidth
0.11
° rms
RF OUTPUT = 1800 MHz
RFOUT pin
Nominal Output Power
VIQ = 0.9 V p-p differential
−0.4
dBm
Gain Flatness
Any 40 MHz
±0.5
dB
Output P1dB
8.0
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz, POUT = −6 dBm per tone
20.5
dBm
Output Return Loss
Attenuator setting = 0 dB
−13
dB
LO Carrier Feedthrough1
Attenuator setting = 0 dB to 47 dB
−45
dBc
2× LO Carrier Feedthrough
Attenuator setting = 0 dB to 47 dB
−53
dBm
Sideband Suppression
−45
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com