Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6755ACPZ Datasheet(PDF) 37 Page - Analog Devices

Part # ADRF6755ACPZ
Description  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6755ACPZ Datasheet(HTML) 37 Page - Analog Devices

Back Button ADRF6755ACPZ Datasheet HTML 33Page - Analog Devices ADRF6755ACPZ Datasheet HTML 34Page - Analog Devices ADRF6755ACPZ Datasheet HTML 35Page - Analog Devices ADRF6755ACPZ Datasheet HTML 36Page - Analog Devices ADRF6755ACPZ Datasheet HTML 37Page - Analog Devices ADRF6755ACPZ Datasheet HTML 38Page - Analog Devices ADRF6755ACPZ Datasheet HTML 39Page - Analog Devices ADRF6755ACPZ Datasheet HTML 40Page - Analog Devices ADRF6755ACPZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
Data Sheet
ADRF6755
Rev. B | Page 37 of 48
EVALUATION BOARD
GENERAL DESCRIPTION
The EVAL-ADRF6755SDZ evaluation board is designed to allow
the user to evaluate the performance of the ADRF6755. It contains
the following:
•
I/Q modulator with integrated fractional-N PLL and VCO
•
Connector to interface to a standard USB interface board
(SPD-S) that must be ordered with the EVAL-ADRF6755SDZ
board.
•
DC biasing and filter circuitry for the baseband inputs
•
Low-pass loop filter circuitry
•
An 80 MHz reference clock
•
Circuitry to monitor the LOMON outputs
•
SMA connectors for power supplies and the RF output
The evaluation board is supplied with the associated driver
software to allow easy programming of the ADRF6755.
HARDWARE DESCRIPTION
For more information, refer to the circuit diagram in Figure 70.
Power Supplies
An external 5 V supply, DUT +5 V (J14), drives both an on-chip
3.3 V regulator and the quadrature modulator.
The regulator feeds the VREG1 through VREG6 pins on the
chip with 3.3 V. These pins power the PLL circuitry.
The external reference clock generator should be driven by a
3.3 V supply. This supply should be connected via an SMA
connector, OSC +V (J15).
Recommended Decoupling for Supplies
The external DUT +5 V supply is decoupled initially by a 10 µF
capacitor and then further by a parallel combination of 100 nF
and 10 pF capacitors that are placed as close to the DUT as
possible for good local decoupling. The regulator output should
be decoupled by a parallel combination of 10 pF and 220 µF
capacitors. The 220 µF capacitor decouples broadband noise,
which leads to better phase noise and is recommended for best
performance. Case Size C 220 µF capacitors are used to minimize
area. Place a parallel combination of 100 nF and 10 pF capacitors
on each VREGx pin, as close to the pins as possible. The impedance
of these capacitors should be low and constant across a broad
frequency range. Surface-mount multilayered ceramic chip
(MLCC) Class II capacitors provide very low ESL and ESR, which
assist in decoupling supply noise effectively. They also provide
good temperature stability and good aging characteristics.
Capacitance also changes vs. applied bias voltage. Larger case
sizes have less capacitance change vs. applied bias voltage and
have lower ESR but higher ESL. The 0603 size capacitors provide a
good compromise. X5R and X7R capacitors are examples of
these types of capacitors and are recommended for decoupling.
SPI Interface
The SPI interface is provided by an additional SPD-S board. This
must be ordered with the ADRF6755 evaluation board. The system
demonstration platform (SDP) is a hardware and software platform
that provides a means to communicate from the PC to Analog
Devices products and systems that require digital control and/or
readback (see Figure 71).
The SDP-S controller board connects to the PC via USB 2.0 and
to the ADRF6755 evaluation board via a small footprint, 120-pin
connector. The SDP-S (serial only interface) is a low cost, small
form factor, SDP controller board.
Baseband Inputs
The pair of I and Q baseband inputs are served by SMA inputs
(J2 to J5) so that they can be driven directly from an external
generator or a DAC board, both of which can also provide the
dc bias required. There is also an option to filter the baseband
inputs, although filtering may not be required, depending on
the quality of the baseband source.
Loop Filter
A fourth-order loop filter is provided at the output of the charge
pump and is required to adequately filter noise from the Σ-Δ
modulator used in the N-divider. With the charge pump current
set to a value of 5 mA and using the on-chip VCO, the loop
bandwidth is approximately 100 kHz, and the phase margin is
55°. C0G capacitors are recommended for use in the loop filter
because they have low dielectric absorption, which is required
for fast and accurate settling time. The use of non-C0G capacitors
may result in a long tail being introduced into the settling time
transient.
Reference Input
The reference input can be supplied by an 80 MHz Jauch clock
generator or by an external clock through the use of Connector
REFIN (J7). The frequency range of the PFD input is from 10 MHz
to 40 MHz; if the 80 MHz clock generator is used, the on-chip 5-bit
reference frequency divider or the divide-by-2 divider should be
used to set the PFD frequency to 40 MHz to optimize phase noise
performance.
LOMON Outputs
These pins are differential LO monitor outputs that provide a
replica of the internal LO frequency at 1× LO. The single-ended
power in a 50 Ω load can be programmed to −24 dBm, −18 dBm,
−12 dBm, or −6 dBm. These open-collector outputs must be
terminated to 3.3 V. Because both outputs must be terminated
to 50 Ω, options are provided to terminate to 3.3 V using on-
board 50 Ω resistors or by series inductors (or a ferrite bead),
in which case the 50 Ω termination is provided by the measuring
instrument. If not used, these outputs should be tied to REGOUT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com