Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6755ACPZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADRF6755ACPZ
Description  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6755ACPZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADRF6755ACPZ Datasheet HTML 21Page - Analog Devices ADRF6755ACPZ Datasheet HTML 22Page - Analog Devices ADRF6755ACPZ Datasheet HTML 23Page - Analog Devices ADRF6755ACPZ Datasheet HTML 24Page - Analog Devices ADRF6755ACPZ Datasheet HTML 25Page - Analog Devices ADRF6755ACPZ Datasheet HTML 26Page - Analog Devices ADRF6755ACPZ Datasheet HTML 27Page - Analog Devices ADRF6755ACPZ Datasheet HTML 28Page - Analog Devices ADRF6755ACPZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
Data Sheet
ADRF6755
Rev. B | Page 25 of 48
frequencies must be performed to ensure optimum carrier feed-
through across the full frequency range.
Sideband Suppression Nulling
Sideband suppression results from relative gain and relative phase
offsets between the I channel and Q channel and can be optimized
through adjustments to those two parameters. Adjusting only
one parameter improves the sideband suppression only to a
point. For optimum sideband suppression, an iterative adjustment
between phase and amplitude is required.
ATTENUATOR
The digital attenuator consists of six attenuation blocks: 1 dB,
2 dB, 4 dB, 8 dB, and two 16 dB blocks; each is separately
controlled. Each attenuation block consists of field effect transistor
(FET) switches and resistors that form either a pi-shaped or a
T-shaped attenuator. By controlling the states of the FET switches
through the control lines, each attenuation block can be set to
the pass state (0 dB) or the attenuation state (1 dB to 47 dB).
The various combinations of the six blocks provide the
attenuation states from 0 dB to 47 dB in 1 dB increments.
VOLTAGE REGULATOR
The voltage regulator is powered from a 5 V supply that is
provided by VCC1 (Pin 11) and produces a 3.3 V nominal
regulated output voltage, REGOUT, on Pin 12. This pin must
be connected (external to the IC) to the VREG1 through VREG6
package pins.
Decouple the regulator output (REGOUT) with a parallel
combination of 10 pF and 220 µF capacitors. The 220 µF
capacitor, which is recommended for best performance,
decouples broadband noise, leading to better phase noise. Each
VREGx pin should have the following decoupling capacitors:
100 nF multilayer ceramic with an additional 10 pF in parallel,
both placed as close as possible to the device under test (DUT)
power supply pins. X7R or X5R capacitors are recommended.
See the Evaluation Board section for more information.
I2C INTERFACE
The ADRF6755 supports a 2-wire, I2C-compatible serial bus
that drives multiple peripherals. The serial data (SDA) and serial
clock (SCL) inputs carry information between any devices that
are connected to the bus. Each slave device is recognized by a
unique address. The ADRF6755 has two possible 7-bit slave
addresses for both read and write operations. The MSB of the
7-bit slave address is set to 1. Bit A5 of the slave address is set by
the CS pin (Pin 27). Bits[4:0] of the slave address are set to all
0s. The slave address consists of the seven MSBs of an 8-bit
word. The LSB of the word sets either a read or a write operation
(see Figure 63). Logic 1 corresponds to a read operation, whereas
Logic 0 corresponds to a write operation.
To control the device on the bus, the following protocol must
be followed. The master initiates a data transfer by establishing
a start condition, defined by a high-to-low transition on SDA
while SCL remains high. This indicates that an address/data
stream follows. All peripherals respond to the start condition
and shift the next eight bits (the 7-bit address and the R/W bit).
The bits are transferred from MSB to LSB. The peripheral that
recognizes the transmitted address responds by pulling the data
line low during the ninth clock pulse. This is known as an
acknowledge bit. All other devices then withdraw from the bus
and maintain an idle condition. During the idle condition, the
device monitors the SDA and SCL lines waiting for the start
condition and the correct transmitted address. The R/W bit
determines the direction of the data. Logic 0 on the LSB of the
first byte indicates that the master writes information to the
peripheral. Logic 1 on the LSB of the first byte indicates that the
master reads information from the peripheral.
The ADRF6755 acts as a standard slave device on the bus. The data
on the SDA pin (Pin 29) is eight bits long, supporting the 7-bit
addresses plus the R/W bit. The ADRF6755 has 34 subaddresses
to enable the user-accessible internal registers. Therefore, it
interprets the first byte as the device address and the second
byte as the starting subaddress. Auto-increment mode is supported,
which allows data to be read from or written to the starting sub-
address and each subsequent address without manually addressing
the subsequent subaddress. A data transfer is always terminated
by a stop condition. The user can also access any unique subaddress
register on a one-by-one basis without updating all registers.
Stop and start conditions can be detected at any stage of the data
transfer. If these conditions are asserted out of sequence with
normal read and write operations, they cause an immediate jump
to the idle condition. If an invalid subaddress is issued by the
user, the ADRF6755 does not issue an acknowledge and returns to
the idle condition. In a no acknowledge condition, the SDA line is
not pulled low on the ninth pulse. See Figure 64 and Figure 65
for sample write and read data transfers, Figure 66 for the timing
protocol, and Figure 2 for a more detailed timing diagram.
Figure 63. Slave Address Configuration
1
A5
0
0
0
0
0
X
MSB = 1
SET BY
PIN 27
(CS)
0 = WR
1 = RD
SLAVE ADDRESS[6:0]
R/W
CTRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com