Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6755ACPZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF6755ACPZ
Description  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6755ACPZ Datasheet(HTML) 1 Page - Analog Devices

  ADRF6755ACPZ Datasheet HTML 1Page - Analog Devices ADRF6755ACPZ Datasheet HTML 2Page - Analog Devices ADRF6755ACPZ Datasheet HTML 3Page - Analog Devices ADRF6755ACPZ Datasheet HTML 4Page - Analog Devices ADRF6755ACPZ Datasheet HTML 5Page - Analog Devices ADRF6755ACPZ Datasheet HTML 6Page - Analog Devices ADRF6755ACPZ Datasheet HTML 7Page - Analog Devices ADRF6755ACPZ Datasheet HTML 8Page - Analog Devices ADRF6755ACPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
100 MHz to 2400 MHz I/Q Modulator
with Integrated Fractional-N PLL and VCO
Data Sheet
ADRF6755
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
I/Q modulator with integrated fractional-N PLL and VCO
Gain control span: 47 dB in 1 dB steps
Output frequency range: 100 MHz to 2400 MHz
Output 1 dB compression: 8 dBm at LO = 1800 MHz
Output IP3: 20.5 dBm at LO = 1800 MHz
Noise floor: −161 dBm/Hz at LO = 1800 MHz
Baseband modulation bandwidth: 600 MHz (3 dB)
Output frequency resolution: 1 Hz
SPI and I2C-compatible serial interfaces
Power supply: 5 V/380 mA
GENERAL DESCRIPTION
The ADRF6755 is a highly integrated quadrature modulator,
frequency synthesizer, and programmable attenuator. The device
covers an operating frequency range from 100 MHz to 2400 MHz
for use in satellite, cellular, and broadband communications.
The ADRF6755 modulator includes a high modulus, fractional-N
frequency synthesizer with integrated VCO, providing less than
1 Hz frequency resolution, and a 47 dB digitally controlled output
attenuator with 1 dB steps.
Control of all the on-chip registers is through a user-selected SPI
interface or I2C interface. The device operates from a single power
supply ranging from 4.75 V to 5.25 V.
Figure 1.
RSET
CS
TXDIS
DGND
AGND
×2
DOUBLER
5-BIT
DIVIDER
REFERENCE
CURRENT SETTING
REFIN
REFIN
÷2
PHASE
FREQUENCY
DETECTOR
+
–
RFDIVIDER
VCO
CORE
0°/90°
REGOUT
VCC1
VCC2
VCC3
VCC4
ADRF6755
LOMON
LOMON
RFOUT
47dB
GAINCONTROL
RANGE
N-COUNTER
CR9[7:4]
CP
NC
IBB
IBB
VTUNE
3.3V
REGULATOR
QBB
QBB
VREG1
VREG2
VREG3
VREG4
VREG5
VREG6
SPI/I2C
INTERFACE
SDI/SDA
CLK/SCL
SDO
CCOMP1
CCOMP2
CCOMP3
NC
LDET
CHARGE
PUMP
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
FRACTIONAL
REGISTER
MODULUS
225
INTEGER
REGISTER


Similar Part No. - ADRF6755ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6755ACPZ AD-ADRF6755ACPZ Datasheet
2Mb / 48P
100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
REV. B
More results

Similar Description - ADRF6755ACPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6602 AD-ADRF6602 Datasheet
517Kb / 24P
1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6603 AD-ADRF6603 Datasheet
504Kb / 24P
2100 MHz to 2600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6601 AD-ADRF6601 Datasheet
640Kb / 24P
750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
logo
Hittite Microwave Corpo...
HMC830LP6GE HITTITE-HMC830LP6GE Datasheet
2Mb / 12P
FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
HMC830LP6GE_1110 HITTITE-HMC830LP6GE_1110 Datasheet
1Mb / 12P
FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
logo
Analog Devices
ADRF6755ACPZ AD-ADRF6755ACPZ Datasheet
2Mb / 48P
100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
REV. B
ADRF6806ACPZ-R7 AD-ADRF6806ACPZ-R7 Datasheet
965Kb / 36P
50 MHz to 525 MHz Quadrature Demodulator with Fractional-N PLL and VCO
REV. B
ADRF6604 AD-ADRF6604 Datasheet
834Kb / 32P
1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
1/14-Rev. A to Rev. B
ADRF6750 AD-ADRF6750 Datasheet
1Mb / 40P
950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
4/10-Rev. 0 to Rev. A
ADRF6821 AD-ADRF6821 Datasheet
1Mb / 61P
450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
8/2018-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com