Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6755ACPZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADRF6755ACPZ
Description  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6755ACPZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADRF6755ACPZ Datasheet HTML 14Page - Analog Devices ADRF6755ACPZ Datasheet HTML 15Page - Analog Devices ADRF6755ACPZ Datasheet HTML 16Page - Analog Devices ADRF6755ACPZ Datasheet HTML 17Page - Analog Devices ADRF6755ACPZ Datasheet HTML 18Page - Analog Devices ADRF6755ACPZ Datasheet HTML 19Page - Analog Devices ADRF6755ACPZ Datasheet HTML 20Page - Analog Devices ADRF6755ACPZ Datasheet HTML 21Page - Analog Devices ADRF6755ACPZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
ADRF6755
Data Sheet
Rev. B | Page 18 of 48
Figure 35. PLL Frequency Settling Time at Worst-Case LO Frequency
with Lock Detect Shown
Figure 36. Attenuator Gain vs. LO Frequency by Gain Code, All Attenuator
Code Steps
Figure 37. Attenuator Relative Step Accuracy over all Attenuation Steps
vs. LO Frequency, Nominal Conditions
Figure 38. Attenuator Relative Step Accuracy Distribution at Nominal
and Worst-Case Conditions, LO > 300 MHz, All Attenuation Steps
Figure 39. Attenuator Relative Step Accuracy Across Full Output
Frequency Range Distribution at Nominal and Worst-Case Conditions,
LO > 300 MHz, All Attenuation Steps
Figure 40. Attenuator Absolute Step Accuracy over all Attenuation Steps
vs. LO Frequency, Nominal Conditions
0.1
1
10
100
1k
10k
100k
1M
10M
100M
1G
–50 –30 –10 10 30 50 70 90 110 130 150 170 190 210 230 250
TIME (µs)
START OF
ACQUISITION
ACQUISITION
TO 100Hz
NUMBER OF PFD
CYCLES TO DECLARE
LDET = 4096
LDET
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
5
100 300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500
LO FREQUENCY (MHz)
–1.5
–1.0
–0.5
0
0.5
1.0
100 300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500
LO FREQUENCY (MHz)
0
10
20
30
40
50
60
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
ATTENUATOR RELATIVE STEP ACCURACY (dB)
NOMINAL
WORST CASE
0
2
4
6
8
10
12
14
–3.25
–2.75
–2.25
–1.75
–1.25
–0.75
–0.25
0.25
0.75
1.25
1.75
2.25
2.75
3.25
ATTENUATOR RELATIVE STEP ACCURACY ACROSS
FULL OUTPUT FREQUENCY RANGE (dB)
NOMINAL
WORST CASE
–10
–8
–6
–4
–2
0
2
100 300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500
LO FREQUENCY (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com