Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6755ACPZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADRF6755ACPZ
Description  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6755ACPZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADRF6755ACPZ Datasheet HTML 18Page - Analog Devices ADRF6755ACPZ Datasheet HTML 19Page - Analog Devices ADRF6755ACPZ Datasheet HTML 20Page - Analog Devices ADRF6755ACPZ Datasheet HTML 21Page - Analog Devices ADRF6755ACPZ Datasheet HTML 22Page - Analog Devices ADRF6755ACPZ Datasheet HTML 23Page - Analog Devices ADRF6755ACPZ Datasheet HTML 24Page - Analog Devices ADRF6755ACPZ Datasheet HTML 25Page - Analog Devices ADRF6755ACPZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
ADRF6755
Data Sheet
Rev. B | Page 22 of 48
Phase Frequency Detector (PFD) and Charge Pump
The PFD takes inputs from the R-divider and the N-counter and
produces an output proportional to the phase and frequency differ-
ence between them (see Figure 55 for a simplified schematic).
The PFD includes a fixed delay element that sets the width of
the antibacklash pulse, ensuring that there is no dead zone in
the PFD transfer function.
Figure 55. PFD Simplified Schematic
Lock Detect (LDET)
LDET (Pin 44) signals when the PLL has achieved lock to an
error frequency of less than 100 Hz. On a write to Register CR0,
a new PLL acquisition cycle starts, and the LDET signal goes
low. When lock has been achieved, this signal returns high.
Voltage-Controlled Oscillator (VCO)
The VCO core in the ADRF6755 consists of three separate VCOs,
each with 16 overlapping bands. This configuration of 48 bands
allows the VCO frequency range to extend from 2310 MHz to
4800 MHz. The three VCOs are divided by a programmable
divider, RFDIV, controlled by Register CR28, Bits[2:0]. This
divider provides divisions of 1, 2, 4, 8, and 16 to ensure that the
frequency range is extended from 144.375 MHz (2310 MHz/16)
to 4800 MHz (4800 MHz/1). A divide-by-2 quadrature circuit in
the path to the modulator then provides the full LO frequency
range from 100 MHz to 2400 MHz.
Figure 56 shows a sweep of VTUNE vs. LO frequency demonstrating
the three VCOs overlapping and the multiple overlapping bands
within each VCO at the LO frequency range of 100 MHz to
2400 MHz. Note that Figure 56 includes the RFDIV being
incorporated to provide further divisions of the fundamental VCO
frequency; thus, each VCO is used on multiple different occasions
throughout the full LO frequency range. The choice of three
16-band VCOs and an RFDIV allows the wide frequency range to
be covered without large VCO sensitivity (KVCO) or resultant
poor phase noise and spurious performance.
Figure 56. VTUNE vs. LO Frequency
The VCO displays a variation of KVCO as VTUNE varies within the
band and from band to band. Figure 57 shows how KVCO varies
across the full frequency range. Figure 57 is useful when
calculating the loop filter bandwidth and individual loop filter
components using ADISimPLL™. ADISimPLL is an Analog
Devices, Inc., simulator that aids in PLL design, particularly
with respect to the loop filter. It reports parameters such as phase
noise, integrated phase noise, and acquisition time for a
particular set of input conditions. ADISimPLL can be
downloaded from www.analog.com/adisimpll.
Figure 57. KVCO vs. LO Frequency
Autocalibration
The correct VCO and band are chosen automatically by the
VCO and band select circuitry when Register CR0 is updated.
This is referred to as autocalibration. The autocalibration time
is set by Register CR25.
Autocalibration Time = (BSCDIV × 28)/PFD
(3)
where:
BSCDIV = Register CR25, Bits[7:0].
PFD = PFD frequency.
For a PFD frequency of 40 MHz, set BSCDIV = 100 to set an
autocalibration time of 70 µs.
U3
CLR2
Q2
D2
U2
DOWN
UP
HI
HI
CP
–IN
+IN
CHARGE
PUMP
DELAY
CLR1
Q1
D1
U1
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
100 300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500
LO FREQUENCY (MHz)
0
10
20
30
40
100 300 500 700 900 1100 1300 1500 1700 1900 2100 2300 2500
LO FREQUENCY (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com