Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6755ACPZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF6755ACPZ
Description  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6755ACPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF6755ACPZ Datasheet HTML 2Page - Analog Devices ADRF6755ACPZ Datasheet HTML 3Page - Analog Devices ADRF6755ACPZ Datasheet HTML 4Page - Analog Devices ADRF6755ACPZ Datasheet HTML 5Page - Analog Devices ADRF6755ACPZ Datasheet HTML 6Page - Analog Devices ADRF6755ACPZ Datasheet HTML 7Page - Analog Devices ADRF6755ACPZ Datasheet HTML 8Page - Analog Devices ADRF6755ACPZ Datasheet HTML 9Page - Analog Devices ADRF6755ACPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
ADRF6755
Data Sheet
Rev. B | Page 6 of 48
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Phase Noise
100 Hz offset
−88
dBc/Hz
1 kHz offset
−98
dBc/Hz
10 kHz offset
−101
dBc/Hz
100 kHz offset
−108
dBc/Hz
1 MHz offset
−134
dBc/Hz
10 MHz offset
−152
dBc/Hz
Integrated Phase Noise
1 kHz to 8 MHz integration bandwidth
0.25
° rms
RF OUTPUT = 2400 MHz
RFOUT pin
Nominal Output Power
VIQ = 0.9 V p-p differential
−1.7
dBm
Gain Flatness
Any 40 MHz
±0.5
dB
Output P1dB
6.5
dBm
Output IP3
f1BB = 3.5 MHz, f2BB = 4.5 MHz, POUT = −6 dBm per tone
18.5
dBm
Output Return Loss
Attenuator setting = 0 dB
−11
dB
LO Carrier Feedthrough1
Attenuator setting = 0 dB to 47 dB
−43
dBc
2× LO Carrier Feedthrough
Attenuator setting = 0 dB to 47 dB
−60
dBm
Sideband Suppression
−40
dBc
Noise Floor
I/Q inputs = 0 V p-p differential, attenuator setting = 0 dB
−160.5
dBm/Hz
Attenuator setting = 0 dB to 21 dB, carrier offset = 10 MHz
−148
dBc/Hz
Attenuator setting = 21 dB to 47 dB, carrier offset = 10 MHz
−170
dBm/Hz
Baseband Harmonics
−55
dBc
Synthesizer Spurs
Integer boundary < loop bandwidth
−55
dBc
>10 MHz offset from carrier
−64
dBc
Phase Noise
100 Hz offset
−85
dBc/Hz
1 kHz offset
−96
dBc/Hz
10 kHz offset
−100
dBc/Hz
100 kHz offset
−107
dBc/Hz
1 MHz offset
−132
dBc/Hz
10 MHz offset
−152
dBc/Hz
Integrated Phase Noise
1 kHz to 8 MHz integration bandwidth
0.25
° rms
REFERENCE CHARACTERISTICS
REFIN pin
Input Frequency
With reference divide-by-2 enabled
10
300
MHz
With reference divide-by-2 disabled
10
165
MHz
With reference doubler enabled
10
80
MHz
Input Sensitivity
AC-coupled
0.4
VREG
V p-p
Input Capacitance
10
pF
Input Current
±100
µA
CHARGE PUMP
ICP Sink/Source
Programmable, RSET = 4.7 kΩ
High Value
5
mA
Low Value
312.5
µA
Absolute Accuracy
4.0
%
VCO
Gain
KVCO
25
MHz/V
SYNTHESIZER
LO = 100 MHz to 2400 MHz
Frequency Resolution
1
Hz
Frequency Settling
Any step size, maximum frequency error = 100 Hz
0.17
ms
Maximum Frequency Step for
No Autocalibration
Frequency step with no autocalibration routine;
Register CR24, Bit 0 = 1
100/2RFDIV
kHz
Phase Detector Frequency
10
40
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com