Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6755ACPZ Datasheet(PDF) 29 Page - Analog Devices

Part # ADRF6755ACPZ
Description  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6755ACPZ Datasheet(HTML) 29 Page - Analog Devices

Back Button ADRF6755ACPZ Datasheet HTML 25Page - Analog Devices ADRF6755ACPZ Datasheet HTML 26Page - Analog Devices ADRF6755ACPZ Datasheet HTML 27Page - Analog Devices ADRF6755ACPZ Datasheet HTML 28Page - Analog Devices ADRF6755ACPZ Datasheet HTML 29Page - Analog Devices ADRF6755ACPZ Datasheet HTML 30Page - Analog Devices ADRF6755ACPZ Datasheet HTML 31Page - Analog Devices ADRF6755ACPZ Datasheet HTML 32Page - Analog Devices ADRF6755ACPZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
Data Sheet
ADRF6755
Rev. B | Page 29 of 48
PROGRAM MODES
The ADRF6755 has 34 8-bit registers to allow program control
of a number of functions. Either an SPI or an I2C interface can
be used to program the register set. For details about the interfaces
and timing, see Figure 63 to Figure 69. The registers are
documented in Table 8 to Table 28.
Several settings in the ADRF6755 are double-buffered. These
settings include the FRAC value, the INT value, the 5-bit R-divider
value, the reference frequency doubler, the R/2 divider, the RFDIV
value, and the charge pump current setting. This means that
two events must occur before the part uses a new value for any
of the double-buffered settings. First, the new value is latched
into the device by writing to the appropriate register. Next, a
new write must be performed on Register CR0. When
Register CR0 is written, a new PLL acquisition takes place.
For example, updating the fractional value involves a write to
Register CR3, Register CR2, Register CR1, and Register CR0.
Register CR3 should be written to first, followed by Register CR2
and Register CR1, and, finally, Register CR0. The new acquisition
begins after the write to Register CR0. Double buffering ensures
that the bits written to do not take effect until after the write to
Register CR0.
12-Bit Integer Value
Register CR7 and Register CR6 program the integer value (INT)
of the feedback division factor (N); see Equation 5 for details.
The INT value is a 12-bit number whose MSBs are programmed
through Register CR7, Bits[3:0]. The LSBs are programmed
through Register CR6, Bits[7:0]. The LO frequency setting is
described by Equation 2. An alternative to this equation is
provided by Equation 4, which details how to set the N-divider
value. Note that these registers are double buffered.
25-Bit Fractional Value
Register CR3 to Register CR0 program the fractional value (FRAC)
of the feedback division factor (N); see Equation 5 for details.
The FRAC value is a 25-bit number whose MSB is programmed
through Register CR3, Bit 0. The LSB is programmed through
Register CR0, Bit 0. The LO frequency setting is described by
Equation 2. An alternative to this equation is described by
Equation 4, which details how to set the N-divider value. Note
that these registers are double buffered.
RFDIV Value
The RFDIV value is dependent on the value of the LO frequency.
The RFDIV value can be selected from the list in Table 6. Apply
the selected RFDIV value to Equation 4, together with the LO
frequency and PFD frequency values, to calculate the correct
N-divider value.
Reference Input Path
The reference input path consists of a reference frequency doubler,
a 5-bit reference divider, and a divide-by-2 function (see Figure 53).
The doubler is programmed through Register CR10, Bit 5. The
5-bit divider and divide-by-2 are enabled by programming
Register CR5, Bit 4, and the division ratio is programmed through
Register CR10, Bits[4:0]. The R/2 divider is programmed through
Register CR10, Bit 6. Note that these registers are double-buffered.
Charge Pump Current
Register CR9, Bits[7:4], specify the charge pump current setting.
With an RSET value of 4.7 kΩ, the maximum charge pump current is
5 mA. The following equation applies:
ICPmax = 23.5/RSET
The charge pump current has 16 settings from 312.5 μA to 5 mA.
For the loop filter that is specified in the application solution, a
charge pump current of 5 mA (Register CR9[7:4] = 0xF) gives a
loop bandwidth of 100 kHz, which is the recommended loop
bandwidth setting.
Transmit Disable Control (TXDIS)
The transmit disable control (TXDIS) is used to disable the RF out-
put. TXDIS is normally held low. When asserted (brought high), it
disables the RF output. Register CR14 is used to control which
circuit blocks are powered down when TXDIS is asserted. To meet
both the off isolation power specifications and the turn-on/
turn-off settling time specifications, a value of 0x80 should be
loaded into Register CR14. This effectively ensures that the
attenuator is always enabled when TXDIS is asserted, even if other
circuitry is disabled.
Power-Down/Power-Up Control Bits
The four programmable power-up and power-down control bits
are as follows:
Register CR12, Bit 2. Master power control bit for the PLL,
including the VCO. This bit is normally set to a default value
of 0 to power up the PLL.
Register CR28, Bit 4. Controls the RFDIVIDER. This bit is
normally set to a default value of 0 to power up the
RFDIVIDER.
Register CR27, Bit 2. Controls the LO monitor outputs,
LOMON and LOMON. The default is 0 when the monitor
outputs are powered down. Setting this bit to 1 powers
up the monitor outputs to one of four options, −6 dBm,
−12 dBm, −18 dBm, or −24 dBm, as controlled by
Register CR27, Bits[1:0].
Register CR29, Bit 0. Controls the quadrature modulator
power. The default is 0, which powers down the modulator.
Write a 1 to this bit to power up the modulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com