Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6755ACPZ Datasheet(PDF) 32 Page - Analog Devices

Part # ADRF6755ACPZ
Description  100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6755ACPZ Datasheet(HTML) 32 Page - Analog Devices

Back Button ADRF6755ACPZ Datasheet HTML 28Page - Analog Devices ADRF6755ACPZ Datasheet HTML 29Page - Analog Devices ADRF6755ACPZ Datasheet HTML 30Page - Analog Devices ADRF6755ACPZ Datasheet HTML 31Page - Analog Devices ADRF6755ACPZ Datasheet HTML 32Page - Analog Devices ADRF6755ACPZ Datasheet HTML 33Page - Analog Devices ADRF6755ACPZ Datasheet HTML 34Page - Analog Devices ADRF6755ACPZ Datasheet HTML 35Page - Analog Devices ADRF6755ACPZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
ADRF6755
Data Sheet
Rev. B | Page 32 of 48
REGISTER BIT DESCRIPTIONS
Table 9. Register CR0 (Address 0x00), Fractional Word 4
Bit
Description1
7
Fractional Word F7
6
Fractional Word F6
5
Fractional Word F5
4
Fractional Word F4
3
Fractional Word F3
2
Fractional Word F2
1
Fractional Word F1
0
Fractional Word F0 (LSB)
1
Double-buffered. Loaded on a write to Register CR0.
Table 10. Register CR1 (Address 0x01), Fractional Word 3
Bit
Description1
7
Fractional Word F15
6
Fractional Word F14
5
Fractional Word F13
4
Fractional Word F12
3
Fractional Word F11
2
Fractional Word F10
1
Fractional Word F9
0
Fractional Word F8
1
Double-buffered. Loaded on a write to Register CR0.
Table 11. Register CR2 (Address 0x02), Fractional Word 2
Bit
Description1
7
Fractional Word F23
6
Fractional Word F22
5
Fractional Word F21
4
Fractional Word F20
3
Fractional Word F19
2
Fractional Word F18
1
Fractional Word F17
0
Fractional Word F16
1
Double-buffered. Loaded on a write to Register CR0.
Table 12. Register CR3 (Address 0x03), Fractional Word 1
Bit
Description
7
Set to 0
6
Set to 0
5
Set to 0
4
Set to 0
3
Set to 0
2
Set to 1
1
Set to 0
0
Fractional Word F24 (MSB)1
1
Double-buffered. Loaded on a write to Register CR0.
Table 13. Register CR5 (Address 0x05), 5-Bit Reference
Divider Enable
Bit
Description
7
Set to 0
6
Set to 0
5
Set to 0
4
5-bit R-divider and divide-by-2 enable1
0 = disable 5-bit R-divider and divide-by-2 (default)
1 = enable 5-bit R-divider and divide-by-2
3
Set to 0
2
Set to 0
1
Set to 0
0
Set to 0
1
Double-buffered. Loaded on a write to Register CR0.
Table 14. Register CR6 (Address 0x06), Integer Word 2
Bit
Description1
7
Integer Word N7
6
Integer Word N6
5
Integer Word N5
4
Integer Word N4
3
Integer Word N3
2
Integer Word N2
1
Integer Word N1
0
Integer Word N0
1
Double-buffered. Loaded on a write to Register CR0.
Table 15. Register CR7 (Address 0x07), Integer Word 1 and
MUXOUT Control
Bit
Description
[7:4]
MUXOUT control
0000 = tristate
0001 = logic high
0010 = logic low
1101 = reference clock/2
1110 = RF fractional-N divider clock/2
3
Integer Word N111
2
Integer Word N101
1
Integer Word N91
0
Integer Word N81
1
Double-buffered. Loaded on a write to Register CR0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com