Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VG Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 97Page - STMicroelectronics STM32H723VG Datasheet HTML 98Page - STMicroelectronics STM32H723VG Datasheet HTML 99Page - STMicroelectronics STM32H723VG Datasheet HTML 100Page - STMicroelectronics STM32H723VG Datasheet HTML 101Page - STMicroelectronics STM32H723VG Datasheet HTML 102Page - STMicroelectronics STM32H723VG Datasheet HTML 103Page - STMicroelectronics STM32H723VG Datasheet HTML 104Page - STMicroelectronics STM32H723VG Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 227 page
background image
DS13313 Rev 2
101/227
STM32H723xE/G
Electrical characteristics
208
Table 23. Typical consumption in Run mode and corresponding performance
versus code position
Symbol Parameter
Conditions
frcc_c_c k
(MHz)
Coremark
Typ
Unit
IDD/
Coremark
Unit
Peripheral
Code
IDD
Supply
current in
Run mode
All
peripherals
disabled,
cache ON
ITCM
550
2777
145
mA
52.2
µA/
Core-
mark
FLASH
550
2777
145
52.2
AXI
SRAM
550
2777
145
52.2
SRAM 1
550
2777
150
54.0
SRAM 4
550
2777
145
52.2
All
peripherals
disabled
cache OFF
FLASH
550
923
99
107.3
AXI
SRAM
550
1271
105
82.6
SRAM 1
550
790
96.5
122.2
SRAM 4
550
723
89.5
123.8
Table 24. Typical current consumption in Autonomous mode
Symbol
Parameter
Conditions
frcc_c_c k
(MHz)
Typ
Unit
IDD
Supply current in
Autonous mode
Run, D1Stop,
D2Stop
VOS3
64
3.6
mA
Run,
D1Standby,
D2Standby
VOS3
64
2.6
Table 25. Typical current consumption in Sleep mode
Symbol
Parameter
Conditions
frcc_c_ck
(MHz)
Typ
Max(1)
1. Guaranteed by characterization results.
Unit
TJ =
25 °C
TJ =
85 °C
TJ =
105 °C
TJ =
125 °C
IDD(Sleep)
Supply
current in
Sleep mode
All
peripherals
disabled
VOS0
(2)
2. CPU_FREQ_BOOST is enabled.
550
36
-
-
-
-
mA
520
33.5
60
170
240
-
VOS0
520
33.5
60
170
240
-
400
27
52
160
230
-
VOS1
400
22.5
39
110
170
240
300
18.5
34
110
160
240
VOS2
300
16.5
28
85
130
190
170
9.7
21
78
120
190
VOS3
170
8.5
17
61
96
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com