Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VG Datasheet(PDF) 104 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 104 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 100Page - STMicroelectronics STM32H723VG Datasheet HTML 101Page - STMicroelectronics STM32H723VG Datasheet HTML 102Page - STMicroelectronics STM32H723VG Datasheet HTML 103Page - STMicroelectronics STM32H723VG Datasheet HTML 104Page - STMicroelectronics STM32H723VG Datasheet HTML 105Page - STMicroelectronics STM32H723VG Datasheet HTML 106Page - STMicroelectronics STM32H723VG Datasheet HTML 107Page - STMicroelectronics STM32H723VG Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 227 page
background image
Electrical characteristics
STM32H723xE/G
104/227
DS13313 Rev 2
6.3.8
Wakeup time from low-power modes
The wakeup times given in Table 29 are measured starting from the wakeup event trigger up
to the first instruction executed by the CPU:
•
For Stop or Sleep modes: the wakeup event is WFE.
•
WKUP (PC1) pin is used to wakeup from Standby, Stop and Sleep modes.
All timings are derived from tests performed under ambient temperature and VDD=3.3 V.
Table 29. Low-power mode wakeup timings
Symbol
Parameter
Conditions
Typ(1)
Max(1)
(2)
Unit
tWUSLEEP(3) Wakeup from Sleep
-
14.00
15.00
CPU
clock
cycles
tWUSTOP(3)
Wakeup from Stop
mode
SVOS3, HSI, Flash memory in Normal mode
4.6
6.2
µs
SVOS3, HSI, Flash memory in low-power mode
12.4
17.4
SVOS4, HSI, Flash memory in Normal mode
15.5
21.1
SVOS4, HSI, Flash memory in low-power mode
23.3
31.8
SVOS5, HSI, Flash memory in Normal mode
39.1
52.6
SVOS5, HSI, Flash memory in low-power mode
39.1
52.7
SVOS3, CSI, Flash memory in Normal mode
30.0
41.6
SVOS3, CSI, Flash memory in low power mode
40.6
55.0
SVOS4, CSI, Flash memory in Normal mode
41.0
55.4
SVOS4, CSI, Flash memory in low-power mode
51.5
68.8
SVOS5, CSI, Flash memory in Normal mode
67.3
89.5
SVOS5, CSI, Flash memory in low-power mode
67.2
89.5
tWUSTDBY(3)
Wakeup from
Standby mode
-
400.0
504.3
1. Guaranteed by characterization results.
2. The maximum values have been measured at -40 °C, in worst conditions.
3. The wakeup times are measured from the wakeup event to the point in which the application code reads the first



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com