Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 18Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 19Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 20Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 21Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 22Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 23Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 24Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 25Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 124 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products, Rev. 0, 04/2021
22
NXP Semiconductors
Modules list
hi
Table 6. Recommended connections for unused analog interfaces
Module
Pad Name
Recommendations
if Unused
32 kHz
OSC
RTC_XTALI, RTC_XTALO
Not connected
It is recommended that
RTC_XTALI ties to GND if
external crystal is not
connected.
ADC
ADC_VREFH
10 K
 resistor to ground
VDDA_ADC_1P8
10 K
 resistor to ground
VDDA_ADC_3P3
10 K
 resistor to ground
CCM
CLK1_N, CLK1_P
Not connected
DAC
DAC_OUT
Not connected
MIPI
VDD_MIPI_1P0
10 K
 resistor to ground
VDD_MIPI_1P8
10 K
 resistor to ground
MIPI_DSI_CKN, MIPI_DSI_CKP, MIPI_DSI_DN0, MIPI_DSI_DP0,
MIPI_DSI_DN1, MIPI_DSI_DP1
Not connected
MIPI_CSI_CKN, MIPI_CSI_CKP, MIPI_CSI_DN0, MIPI_CSI_DP0,
MIPI_CSI_DN1, MIPI_CSI_DP1
Not connected
DCDC
DCDC_IN, DCDC_IN_Q, DCDC_DIG, DCDC_ANA
Not connected
DCDC_DIG_SENSE, DCDC_ANA_SENSE, DCDC_LP, DCDC_LN
Not connected
DCDC_PSWITCH, DCDC_MODE
To ground
USB
USB1_DN, USB1_DP, USB1_VBUS, USB2_DN, USB2_DP, USB2_VBUS
Not connected
VDD_USB_1P8
Powered with 1.8 V
VDD_USB_3P3
Powered with 3.3 V
SYS OSC XTALI, XTALO
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com