Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 41 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 37Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 38Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 39Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 40Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 41Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 42Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 43Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 44Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 124 page
background image
Electrical characteristics
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products, Rev. 0, 04/2021
NXP Semiconductors
41
The RTC OSC module provides the clock source for the Real-Time Clock module. The RTC OSC module,
in conjunction with an external crystal, generates a 32.768 kHz reference clock for the RTC.
Table 29. RC oscillator with 16 MHz internal reference frequency
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Clock output
Fclkout_16M
Clock frequency
—
15.1
16
16.9
MHz
Dynamic parameters
Tstart_16M
Start-up time
—
—
50
—
s
Power-down mode
IVDDA
Supply current in power-down
—
1
2
95
nA
Table 30. RC oscillator with 48 MHz internal reference frequency
Symbol
Parameter
Condition
Min
Typ
Max
Unit
General
IVDDA
Analog supply current
—
—
350
500
A
Clock output
Fclkout
Clock frequency
—
—
48
—
MHz
Dynamic parameters
Tstart
Start-up time
—
—
2.5
—
s
Accuracy
Ttarget
Trimmed
—
-2
—
2
%
Table 31. RC oscillator with 400 MHz internal reference frequency
Symbol
Parameter
Condition
Min
Typ
Max
Unit
General
IVDD_1P8V_ON
Analog supply current
—
—
60
—
A
IVDD_ON
Digital supply current
—
—
80
—
A
Clock output
F_tuned
Tuned clock frequency
—
—
400
—
MHz
ΔF/F
Frequency error after tuning
—
—
0.1
—
%
Dynamic parameters
JPP-CC
Peak-peak, period jitter
—
—
50
—
ns
tstart
Start-up time
—
—
1
—
s
ttune
Tuning time
—
1
—
256
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com