Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 23Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 24Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 25Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 26Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 27Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 28Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 29Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 30Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 124 page
background image
Electrical characteristics
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products, Rev. 0, 04/2021
NXP Semiconductors
27
GPIO supplies
NVCC_SD1
—
3.0
3.6
V
IO power for GPIO in SDIO1 bank
(3.3 V mode)
—
1.65
1.95
V
IO power for GPIO in SDIO1 bank
(1.8 V mode)
NVCC_SD2
—
3.0
3.6
V
IO power for GPIO in SDIO2 bank
(3.3 V mode)
—
1.65
1.95
V
IO power for GPIO in SDIO2 bank
(1.8 V mode)
NVCC_EMC1
—
3.0
3.6
V
IO power for GPIO in EMC bank1 (3.3
V mode)
—
1.65
1.95
V
IO power for GPIO in EMC bank1 (1.8
V mode)
NVCC_EMC2
—
3.0
3.6
V
IO power for GPIO in EMC bank2 (3.3
V mode)
—
1.65
1.95
V
IO power for GPIO in EMC bank2 (1.8
V mode)
NVCC_GPIO
—
3.0
3.6
V
IO power for GPIO in GPIO AD bank
(3.3 V mode)
—
1.65
1.95
V
IO power for GPIO in GPIO AD bank
(1.8 V mode)
NVCC_DISP1
—
3.0
3.6
V
IO power for GPIO in DISP1 bank
(3.3 V mode)
—
1.65
1.95
V
IO power for GPIO in DISP1 bank
(1.8 V mode)
NVCC_DISP2
—
3.0
3.6
V
IO power for GPIO in DISP2 bank
(3.3 V mode)
—
1.65
1.95
V
IO power for GPIO in DISP2 bank
(1.8 V mode)
NVCC_LPSR
—
3.0
3.6
V
IO power for GPIO in LPSR bank (3.3
V mode)
—
1.65
1.95
V
IO power for GPIO in LPSR bank (1.8
V mode)
NVCC_SNVS
—
1.65
1.95
V
IO power for GPIO in SNVS bank (1.8
V mode)
Temperature Operating Ranges
Junction
temperature
Tj
Standard
Commercial
095
oC
See the application note, i.MX
RT1160 Product Lifetime Usage
Estimates for information on product
lifetime (power-on years) for this
processor.
1 Applying the maximum voltage results in maximum power consumption and heat generation. NXP recommends a voltage set
point = (Vmin + the supply tolerance). This results in an optimized power/speed ratio.
Table 11. Operating ranges (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com