Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 8Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 9Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 10Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 11Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 12Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 13Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 14Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 15Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 124 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products, Rev. 0, 04/2021
12
NXP Semiconductors
Modules list
CSI
Parallel CSI
Multimedia
Peripherals
The CSI IP provides parallel CSI standard camera
interface port. The CSI parallel data ports are up to 24
bits. It is designed to support 24-bit RGB888/YUV444,
CCIR656 video interface, 8-bit YCbCr, YUV or RGB,
and 8-bit/10-bit/16-bit/24-bit Bayer data input.
CWT
Code Watchdog Timer
Timer peripherals
The CWT provides mechanisms for detecting
side-channel attacks and the execution of unexpected
instruction sequences.
DAC
Digital-Analog-Converter
Analog
The DAC is a 12-bit general purpose digital to analog
converter.
DAP
Debug Access Port
System Control
Peripherals
The DAP provides real-time access for the debugger
without halting the core to:
• System memory and peripheral registers
• All debug configuration registers
The DAP also provides debugger access to JTAG scan
chains. The DAP module is internal to the Cortex-M7
Core Platform.
DCDC
DCDC Converter
Analog
The DCDC module is used for generating power supply
for core logic. Main features are:
• Adjustable high efficiency regulator
• Two outputs: 1.0 V and 1.8 V
• Over current and over voltage detection
eDMA
eDMA_LPSR
enhanced Direct Memory
Access
System Control
Peripherals
There are two enhanced DMAs (eDMA).
• The eDMA is a 32-channel DMA engine, which is
capable of performing complex data transfers with
minimal intervention from a host processor.
• The DMA_MUX is capable of multiplexing up to 128
DMA request sources to the 32 DMA channels of
eDMA.
eLCDIF
LCD interface
Multimedia
Peripherals
The enhanced LCD controller provides flexible display
options and to drive a wide range of display devices
varying in size and capability. Major features are:
• Up to WXGA 60 Hz
• 8/16/18/24 bit LCD data bus support available
depending on I/O mux options.
• Programmable timing and parameters for LCD
interfaces to support a wide variety of displays.
• Index color with 256 entry x 24-bit color LUT
EMV SIM1
EMV SIM2
Europay, Master and Visa
Subscriber Identification
Module
Connectivity
Peripherals
EMV SIM is designed to facilitate communication to
Smart Cards compatible to the EMV version 4.3
standard (Book 1) and Smart Cards compatible with
ISO/IEC 7816-3 standard.
Table 3. i.MX RT1160 modules list (continued)
Block Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com