Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 21Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 22Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 23Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 24Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 25Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 26Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 27Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 28Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 124 page
background image
Electrical characteristics
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products, Rev. 0, 04/2021
NXP Semiconductors
25
4.1.2
Thermal characteristics
Table 10 displays the 14 x 14 mm package thermal characteristics.
4.1.3
Operating ranges
Table 11 provides the operating ranges of the i.MX RT1160 processors. For details on the chip's power
structure, see the “Power Management Unit (PMU)” chapter of the i.MX RT1160 Reference Manual
(IMXRT1160RM).
VESD
Electrostatic discharge voltage, charged-device model
All pins except the corner pins
-500
+500
V
2
Corner pins only
-750
+750
V
ILAT
Immunity level:
• Class II @95 oC ambient temperature
100
100
mA
3
1 Determined according to JEDEC Standard JS001, Electrostatic Discharge (ESD) Sensitivity Testing Human Body Model
(HBM).
2 Determined according to JEDEC Standard JS002, Field-Induced Charged-Device Model Test Method for
Electrostatic-Discharge-Withstand Thresholds of Microelectronic Components.
3 Determined according to JEDEC Standard JESD78, IC Latch-up Test.
Table 10. 14 x 14 mm thermal characteristics
Rating
Board Type1
1 Thermal test board meets JEDEC specification for this package (JESD51-9).
Symbol
Value
Unit
Junction to Ambient Thermal Resistance2
2 Determined in accordance to JEDEC JESD51-2A natural convection environment. Thermal resistance data in this report is
solely for a thermal performance comparison of one package to another in a standardized specified environment. It is not
meant to predict the performance of a package in an application-specific environment.
JESD51-9, 2s2p
RJA3
3 RJA = (Tj - Ta)/P [unit: oC/W], where Tj = junction temperature, Ta = ambient temperature, P = device power.
31.6
oC/W
Junction to Top of Package
Thermal Characterization Parameter2
JESD51-9, 2s2p
JT4
4 JT = (Tj - Tt)/P [unit: oC/W], where Tj = junction temperature, Tt = temperature at top of package, P = device power.
1.4
oC/W
Junction to Case Thermal Resistance5
5 Junction-to-Case thermal resistance determined using an isothermal cold plate. Case temperature is taken at the package top
side centre surface temperature.
JESD51-9, 1s
RJC6
6 RJC = (Tj - Tc)/P [unit: oC/W], where Tj = junction temperature, Tc = case temperature, P = device power.
10
oC/W
Table 9. Electrostatic discharge and latch-up characteristics (continued)
Symbol
Description
Min
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com