Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 48 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 44Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 45Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 46Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 47Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 48Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 49Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 50Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 51Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 124 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products, Rev. 0, 04/2021
48
NXP Semiconductors
Electrical characteristics
2
Pad rise/fall time (DSE = 0, SRE = 1)
Normal voltage range
(Cload = 15 pF)
—6
ns
Derated voltage range
(Cload = 15 pF)
—10
ns
Derated2 voltage range
(Cload = 15 pF)
—12
ns
Low voltage range
(Cload = 15 pF)
—6
ns
High voltage range
(Cload = 15 pF)
—6
ns
3
Pad rise/fall time (DSE = 1, SRE = 0)
Normal voltage range
(Cload = 15 pF)
—2.5
ns
Derated voltage range
(Cload = 15 pF)
—4.5
ns
Derated2 voltage range
(Cload = 15 pF)
—5
ns
Low voltage range
(Cload = 15 pF)
—2.5
ns
High voltage range
(Cload = 15 pF)
—2.5
ns
4
Pad rise/fall time (DSE = 1, SRE = 1)
Normal voltage range
(Cload = 15 pF)
—5
ns
Derated voltage range
(Cload = 15 pF)
—9
ns
Derated2 voltage range
(Cload = 15 pF)
—10
ns
Low voltage range
(Cload = 15 pF)
—5
ns
High voltage range
(Cload = 15 pF)
—5
ns
5
IPP_DO to pad propagation delay:
(DSE = 0, SRE = 0)
Normal voltage range
(Cload = 15 pF)
—2.5
ns
Derated voltage range
(Cload = 15 pF)
—4.5
ns
Derated2 voltage range
(Cload = 15 pF)
—5
ns
Low voltage range
(Cload = 15 pF)
—2.5
ns
High voltage range
(Cload = 15 pF)
—4
ns
Table 39. AC specifications for GPIO_AD/GPIO_LPSR/GPIO_DISP_B2 bank (continued)
NO.
Characteristic
Condition
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com