Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 44 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 40Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 41Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 42Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 43Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 44Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 45Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 46Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 47Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 124 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products, Rev. 0, 04/2021
44
NXP Semiconductors
Electrical characteristics
Table 35. DC specification for GPIO_SNVS bank
Parameter
Symbol
Min
Typ
Max
Unit
Condition
High level input voltage
VIH
0.7 x
NVCC_SNVS
—
NVCC_SNVS +
0.1
V—
Low level input voltage
VIL
-0.3
—
0.3 x
NVCC_SNVS
V—
Output high current
IOH
170
—
—
AVOH =
NVCC_SNVS - 0.3
Output low current
IOL
270
—
—
AVOL = 0.3
Output low/high current total for
each IO bank
IOCT
—
—
100
mA
—
Weak pull-up and pull-down
Pull-up resistance
RHigh
—
1000
3500
—
Pull-down resistance
RLow
—
850
3500
—
Table 36. DC specification for GPIO_AD/GPIO_LPSR/GPIO_DISP_B2 bank
NO.
Characteristics
Test Conditions
Min
Max
Units
1
Input high voltage (VIH)
Normal voltage range
0.7 x NVCC
NVCC + 0.1
V
Derated voltage range
0.75 x NVCC
NVCC + 0.1
V
Derated2 voltage range
0.75 x NVCC
NVCC + 0.1
V
Low voltage range
0.7 x NVCC
NVCC + 0.1
V
High voltage range
0.7 x NVCC
NVCC + 0.1
V
2
Input low voltage (VIL)
Normal voltage range
- 0.3
0.3 x NVCC
V
Derated voltage range
- 0.3
0.25 x NVCC
V
Derated2 voltage range
- 0.3
0.25 x NVCC
V
Low voltage range
- 0.3
0.3 x NVCC
V
High voltage range
- 0.3
0.3 x NVCC
V
3
Input Hysteresis (VHYSN)
All voltage range
0.06 x NVCC
—
V
4
Output high voltage (VOH)
DSE = 1
Normal voltage range
IOH = -10 mA
NVCC - 0.5
—
V
Derated voltage range
IOH = -6 mA
NVCC - 0.5
—
V
Derated2 voltage range
IOH = -5 mA
NVCC - 0.5
—
V
Low voltage range
IOH = -10 mA
NVCC - 0.5
—
V
High voltage range
IOH = -10 mA
NVCC - 0.5
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com