Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 27Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 28Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 29Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 30Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 31Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 32Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 33Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 34Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 124 page
background image
Electrical characteristics
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products, Rev. 0, 04/2021
NXP Semiconductors
31
Table 14 shows the typical wakeup time.
Set Point #10
Standby
Suspend
• Lower voltage to 0.8 V with RBB mode for both
SOC and LPSR domains
• System is on STANDBY mode
• Both CM7 and CM4 are on SUSPEND mode
• TCM is on retention
• LDO_LPSR_ANA and LDO_LPSR_DIG are
bypassed
• All clock sources are turned off except for 32 kHz
RTC
• All PLLs are power gated
• All peripherals are clock gated, but remain
powered
DCDC_IN
1.9
8.8
mA
VDD_LPSR_IN
32.3
40.9
A
VDD_SNVS_IN
3.8
8.5
A
Total
6.389
29.203
mW
Set Point #11
Standby
Suspend
• System is on STANDBY mode
• CM7 is power off, CM4 is on SUSPEND mode
• CM4 TCM is on retention
• DCDC is off, LDO_LPSR_ANA and
LDO_LPSR_DIG are active
• All clock sources are turned off except for 32 kHz
RTC
• All PLLs are power gated
• The WAKEUPMIX domain, MEGAMIX domain,
and DISPLAYMIX domain are power gated
• All peripherals in LPSRMIX domain are clock
gated, but remain powered
DCDC_IN
26.3
37.6
A
VDD_LPSR_IN
0.847
5.1
mA
VDD_SNVS_IN
3.8
8.4
A
Total
2.894
16.982
mW
Set Point #15
Standby
Suspend
• Lower voltage to 0.8 V with RBB mode for LPSR
domain
• System is on STANDBY mode
• CM7 is power off, CM4 is on SUSPEND mode
• CM4 TCM is on retention
• DCDC is off, LDO_LPSR_ANA and
LDO_LPSR_DIG are active
• All clock sources are turned off except for 32 kHz
RTC
• All PLLs are power gated
• The WAKEUPMIX domain, MEGAMIX domain,
and DISPLAYMIX domain are power gated
• All peripherals in LPSRMIX domain are clock
gated, but remain powered
DCDC_IN
26.2
37.6
A
VDD_LPSR_IN
0.482
3.2
mA
VDD_SNVS_IN
3.8
8.4
A
Total
1.690
10.712
mW
SNVS
• Only SNVS domain is powered
• 32 kHz RTC is alive
• DCDC_IN and VDD_LPSR_IN are power gated
DCDC_IN
0
0
A
VDD_LPSR_IN
0
0
A
VDD_SNVS_IN
3.8
8.5
A
Total
12.54
28.05
W
1 Code runs in the ITCM; typical values are the average values on typical process wafers.
Table 13. Typical power modes current and power consumption (Dual core) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com