Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 53 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 49Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 50Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 51Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 52Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 53Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 54Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 55Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 56Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 124 page
background image
Electrical characteristics
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products, Rev. 0, 04/2021
NXP Semiconductors
53
4.4.4
SWD timing parameters
Figure 13 depicts the SWD timing.
Figure 13. SWD timing
Table 42. JTAG timing parameters
ID
Parameter
Value
Unit
Min
Max
J0
TCK frequency
—
25
MHz
J1
TCK cycle time
40
—
ns
J2
TCK pulse width
20
—
ns
J3
Input data setup time
5
—
ns
J4
Input data hold time
5
—
ns
J5
Output data valid time
—
15.2
ns
J6
Output high impedance time
—
15.2
ns
J7
TRST_B assert time
100
—
ns
J8
TRST_B setup time to TCK edge
18
—
ns
S1
S2
SWD_CLK (input)
SWD_DIO
SWD_DIO
S3
S4
S5
S6
SWD_DIO
S2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com