Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 85 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 81Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 82Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 83Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 84Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 85Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 86Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 87Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 88Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 124 page
background image
Electrical characteristics
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products, Rev. 0, 04/2021
NXP Semiconductors
85
4.9.2
LPI2C module timing parameters
This section describes the timing parameters of the LPI2C module.
4.9.3
Ultra High Speed SD/SDIO/MMC Host Interface (uSDHC) AC
timing
This section describes the electrical information of the uSDHC, which includes SD3.0 (Single Data Rate)
timing and eMMC5.0 (up to 200 MHz) timing.
4.9.3.1
SD3.0/eMMC4.3 (Single Data Rate) specifications
Figure 39 depicts the timing of SD3.0/eMMC4.3, and Table 84 lists the SD/eMMC4.3 timing
characteristics.
Figure 39. SD/eMMC4.3 timing
Table 83. LPI2C module timing parameters
Symbol
Description
Min
Max
Unit
Notes
fSCL
SCL clock frequency
Standard mode (Sm)
0
100
kHz
1
1 Hs-mode and Ultra Fast mode are supported in slave mode.
Fast mode (Fm)
0
400
Fast mode Plus (Fm+)
0
1000
High speed mode (Hs-mode)
0
3400
Ultra Fast mode (UFm)
0
5000
SD1
SD3
SD5
SD4
SD7
SDx_CLK
SD2
SD8
SD6
Output from uSDHC to card
Input from card to uSDHC
SDx_DATA[7:0]
SDx_DATA[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com