Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 54 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 50Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 51Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 52Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 53Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 54Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 55Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 56Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 57Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 124 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products, Rev. 0, 04/2021
54
NXP Semiconductors
Electrical characteristics
4.4.5
Trace timing parameters
Figure 14 depicts the trace timing.
Figure 14. Trace timing
4.5
External memory interface
The following sections provide information about external memory interfaces.
Table 43. SWD timing parameters
Symbol
Description
Min
Max
Unit
S0
SWD_CLK frequency
—
50
MHz
S1
SWD_CLK cycle time
20
—
ns
S2
SWD_CLK pulse width
10
—
ns
S3
Input data setup time
5
—
ns
S4
Input data hold time
1
—
ns
S5
Output data valid time
—
14.4
ns
S6
Output high impedance time
—
14.4
ns
Table 44. Trace timing parameters
Symbol
Description
Min
Max
Unit
T0
TRACE_CLK frequency
—
70
MHz
T1
TRACE_CLK cycle time
1/T0
—
ns
T2
TRACE_CLK pulse width
6
—
ns
T3
TRACE data setup time
2
—
ns
T4
TRACE data hold time
0.7
—
ns
T1
T2
TRACE_CLK (output)
TRACE0-3 (output)
T3
T4
T2
T3
T4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com