Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 29Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 30Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 31Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 32Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 33Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 34Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 35Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 36Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 124 page
background image
Electrical characteristics
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products, Rev. 0, 04/2021
NXP Semiconductors
33
Figure 4. Power sequence
4.2.1.1
Power-up sequence
The below restrictions must be followed:
•
VDD_SNVS_IN supply must be turned on before any other power supply or be connected
(shorted) with VDD_LPSR_IN and DCDC_IN supply.
•
If a coin cell is used to power VDD_SNVS_IN, then ensure that it is connected before any other
supply is switched on.
•
When internal DCDC is enabled, external delay circuit is required to delay the
“DCDC_PSWITCH” signal at least 1 ms after DCDC_IN is stable.
•
Need to ensure DCDC_IN ramps to 3.0 V within 0.2 x RC, RC is from external delay circuit used
for DCDC_PSWITCH and must be longer than 1 ms.
•
POR_B (if used) must be held low during the entire power up sequence.
NOTE
The POR_B input (if used) must be immediately asserted at power-up and
remain asserted until after the last power rail reaches its working voltage. In
the absence of an external reset feeding the POR_B input, the internal POR
module takes control. See the i.MX RT1160 Reference Manual
(IMXRT1160RM) for further details and to ensure that all necessary
requirements are being met.
NOTE
The voltage on DCDC_PSWITCH pin should be below 0.5 V before
ramping up the voltage on DCDC_PSWITCH.
VDD_SNVS_IN
VDD_SNVS_ANA
VDD_SNVS_DIG
VDD_LPSR_IN
VDD_LPSR_ANA
VDD_LPSR_DIG
DCDC_IN
VDDA_1P8
VDD_SOC_IN
1ms
DCDC_PSWITCH
POR_B
ONOFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com