Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 72 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 68Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 69Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 70Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 71Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 72Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 73Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 74Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 75Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 124 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products, Rev. 0, 04/2021
72
NXP Semiconductors
Electrical characteristics
Figure 32. SAI timing—Slave mode
4.8
Analog
The following sections provide information about analog interfaces.
4.8.1
12-bit ADC electrical specifications
All ADC channels meet the 12-bit single-ended accuracy specifications.
S17
SAI_RXD setup before SAI_BCLK
6
—
ns
S18
SAI_RXD hold after SAI_BCLK
2
—
ns
Table 73. ADC electrical specifications (VREFH = VDD_ANA_181 and VADINmax ≤ VREFH)
Symbol
Description
Min
Typ
Max
Unit
Notes
VADIN
Input voltage
VREFL
—VREFH
V
—
VREFH
ADC high reference supply
input
1.0
1.8
1.89
V
—
CADIN
Input capacitance
—
4.5
—
pF
—
RADIN
Input resistance
—
500
—
—
RAS
Analog source resistance
—
—
5
K
2
fADCK
ADC conversion clock
frequency
8
—
88
MHz
—
Csample
Sample cycles
3.5
—
131.5
Cycles
3
Ccompare
Fixed compare cycles
—
17.5
—
Cycles
—
Cconversion
Conversion cycles
Cconversion = Csample + Ccompare
Cycles
—
Table 72. Slave mode SAI timing
Num
Characteristic
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com