Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 31Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 32Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 33Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 34Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 35Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 36Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 37Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 38Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 124 page
background image
Electrical characteristics
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products, Rev. 0, 04/2021
NXP Semiconductors
35
4.2.3.1
LDO_SNVS_ANA
Table 16 shows the parameters of LDO_SNVS_ANA.
4.2.3.2
LDO_SNVS_DIG
Table 17 shows the parameters of LDO_SNVS_DIG.
4.2.3.3
LDO_PLL
Table 18 shows the parameters of LDO_PLL.
4.2.3.4
LPSR_LDO_DIG
LPSR_LDO_DIG provides 1.0 V power source (VDD_LPSR_DIG) from 1.8V power domain
(VDD_LPSR_ANA). The trim voltage range of LDO output is from 0.7 V to 1.15 V. There are two work
modes: Low Power mode and High Power mode. In typical PVT case, the static current consumption is
less than 3 A in Low Power mode. The maximum drive strength of this LDO regulator is 50 mA in High
Power mode.
Table 16. LDO_SNVS_ANA specification
Specification
Min
Typ
Max
Unit
VDD_SNVS_IN
2.4
3
3.6
V
VDD_SNVS_ANA
1.65
1.75
1.95
V
I_out
—
—
1
mA
External decoupling capacitor
—
2.2
—
F
Table 17. LDO_SNVS_DIG specification
Specification
Min
Typ
Max
Unit
VDD_SNVS_ANA
1.65
1.75
1.95
V
VDD_SNVS_DIG
0.65
0.85
0.95
V
I_out
—
—
1
mA
External decoupling capacitor
—
0.22
—
F
Table 18. LDO_PLL specification
Specification
Min
Typ
Max
Unit
VDDA_1P8_IN
1.71
1.8
1.89
V
VDDA_1P0
0.9
1
1.2
V
I_out
—
—
70
mA
External decoupling capacitor
—
2.2
—
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com