Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 79 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 75Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 76Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 77Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 78Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 79Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 80Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 81Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 82Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 124 page
background image
Electrical characteristics
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products, Rev. 0, 04/2021
NXP Semiconductors
79
TFS_LS
Full scale setting time in
Low Speed mode
Code 100h — F00h or
F00h — 100h @ZTC
current
—5
—
s
4
Code 100h — F00h or
F00h —100h @PTAT
current
—5
—
TFS_MS
Full scale setting time in
Middle Speed mode
Code 100h — F00h or
F00h — 100h @ZTC
current
—1
—
Code 100h — F00h or
F00h — 100h @PTAT
current
—1
—
TFS_HS
Full scale setting time in
High Speed mode
Code 100h — F00h or
F00h — 100h @ZTC
current
—0.5
—
Code 100h — F00h or
F00h — 100h @PTAT
current
—0.5
—
TCC_LS
Code to code setting
time in Low Speed mode
Code 7F7h — 807h or
807h — 7F7h @ZTC
current
—1
—
Code 7F7h — 807h or
807h — 7F7h @PTAT
current
—1
—
TCC_MS
Code to code setting
time in Middle Speed
mode
Code 7F7h — 807h or
807h — 7F7h @ZTC
current
—0.5
—
Code 7F7h — 807h or
807h — 7F7h @PTAT
current
—0.5
—
TCC_HS
Code to code setting
time in Middle Speed
mode
Code 7F7h — 807h or
807h — 7F7h @ZTC
current
—0.3
—
Code 7F7h — 807h or
807h — 7F7h @PTAT
current
—0.3
—
Table 77. DAC characteristics (continued)
Symbol
Description
Test Conditions
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com