Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 35Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 36Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 37Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 38Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 39Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 40Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 41Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 42Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 124 page
background image
Electrical characteristics
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products, Rev. 0, 04/2021
NXP Semiconductors
39
4.2.5.4
480 MHz PLL
4.2.5.5
Arm PLL
4.2.6
On-chip oscillators
The system oscillator (SYS OSC) is a crystal oscillator. The SYS OSC, in conjunction with an external
crystal or resonator, generates a reference clock for this chip. It also provides the option for an external
input clock to XTALI signal directly.
Table 25. 480 MHz PLL’s electrical parameters
Parameter
Min
Typ
Max
Unit
Clock output range
—
—
480
MHz
Reference clock
—
24
—
MHz
Lock time
—
—
383
reference cycles
Period jitter (p2p)
—
40
—
ps
PFD period jitter (p2p)
—
125
—
ps
Duty cycle
45
—
55
%
Table 26. Arm PLL’s electrical parameters
Parameter
Min
Typ
Max
Unit
Clock output range
648
—
1296
MHz
Reference clock
—
24
—
MHz
Lock time
—
—
2250
reference cycles
Period jitter (p2p)
—
15
—
ps
Duty cycle
45
—
55
%
Table 27. System oscillator frequency specifications
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IVDDA (Low power mode) Analog supply current
24 MHz
—
0.5
—
mA
IVDDA (High gain mode) Analog supply current
24 MHz
—
1.3
—
mA
RF
Feedback resistor
Low-power mode
No need
High-gain mode
—
1
—
M
RS
Series resistor1
——
0
—
k
CXCY
XTALI/XTALO load capacitance
See crystal or resonator manufacture’s recommendation
Cpara
Parasitically capacitance of
XTALI and XTALO
—
—
1.5
2.0
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com