Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 77 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 73Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 74Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 75Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 76Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 77Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 78Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 79Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 80Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 124 page
background image
Electrical characteristics
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products, Rev. 0, 04/2021
NXP Semiconductors
77
Figure 34. ADC input impedance equivalent circuit diagram
4.8.2
12-bit DAC electrical characteristics
4.8.2.1
12-bit DAC operating requirements
Table 76. 12-bit DAC operating conditions
Symbol
Description
Min
Typ
Max
Unit
Notes
CL
Output load capacitance
—
50
100
pF
1
1 The DAC output can drive R and C loading. The user should consider both DC and dynamic application requirements. 50 pF
CL provides the best dynamic performance, while 100 pF provides the best DC performance.
IL
Output load current
—
—
1
mA
2
2 Sink or source current ability.
Table 77. DAC characteristics
Symbol
Description
Test Conditions
Min
Typ
Max
Unit
Notes
VDACOUTL
DAC low level output
voltage
ADC_VREFH selected,
Rload = 18 k
, Cload = 50
pF
VSS
—
0.15
V
1
VDACOUTH DAC high level output
voltage
VDDA_AD
C_1P8 -
0.15
—
VDDA_AD
C_1P8
V
DNL
Differential nonlinearity
error
Code 100h — F00h best fit
curve
—±0.5
±1
LSB
—
RAS
VAS
CAS
ZAS
VADIN
ZADIN
RADIN
RADIN
RADIN
RADIN
CADIN
Pad
leakage
INPUT PIN
INPUT PIN
INPUT PIN
SIMPLIFIED
INPUT PIN EQUIVALENT
CIRCUIT
SIMPLIFIED
CHANNEL SELECT
CIRCUIT
ADC SAR
ENGINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com