Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 38Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 39Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 40Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 41Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 42Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 43Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 44Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 45Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 124 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products, Rev. 0, 04/2021
42
NXP Semiconductors
Electrical characteristics
4.3
I/O parameters
This section provides parameters on I/O interfaces.
4.3.1
I/O DC parameters
This section includes the DC parameters of the following I/O types:
•
XTALI and RTC_XTALI (Clock Inputs) DC Parameters
•
General Purpose I/O (GPIO)
NOTE
The term ‘NVCC_XXXX’ in this section refers to the associated supply rail
of an input or output.
NOTE
When enable the open drain for I/O pad, the external pull-up voltage cannot
exceed the associated supply rail.
Figure 5. Circuit for parameters Voh and Vol for I/O cells
Table 32. RC oscillator with 32 kHz internal reference frequency
Symbol
Description
Min
Typ
Max
Unit
Note
firc32k
Internal reference frequency
—
32
—
kHz
—
Δfirc32k
Deviation of IRC32K frequency
-25%
—
25%
%firc32k
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com