Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 112 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 112 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 108Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 109Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 110Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 111Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 112Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 113Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 114Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 115Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 116Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 124 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products, Rev. 0, 04/2021
112
NXP Semiconductors
Package information and contact assignments
GPIO_EMC_B1_21
G2
NVCC_EMC1
Digital
GPIO
ALT 5
GPIO_MUX1_IO21
Input
50/35K
PD
GPIO_EMC_B1_22
H2
NVCC_EMC1
Digital
GPIO
ALT 5
GPIO_MUX1_IO22
Input
50/35K
PD
GPIO_EMC_B1_23
B2
NVCC_EMC1
Digital
GPIO
ALT 5
GPIO_MUX1_IO23
Input
50/35K
PD
GPIO_EMC_B1_24
J5
NVCC_EMC1
Digital
GPIO
ALT 5
GPIO_MUX1_IO24
Input
50/35K
PD
GPIO_EMC_B1_25
J4
NVCC_EMC1
Digital
GPIO
ALT 5
GPIO_MUX1_IO25
Input
50/35K
PD
GPIO_EMC_B1_26
J3
NVCC_EMC1
Digital
GPIO
ALT 5
GPIO_MUX1_IO26
Input
50/35K
PD
GPIO_EMC_B1_27
G5
NVCC_EMC1
Digital
GPIO
ALT 5
GPIO_MUX1_IO27
Input
50/35K
PD
GPIO_EMC_B1_28
E5
NVCC_EMC1
Digital
GPIO
ALT 5
GPIO_MUX1_IO28
Input
50/35K
PD
GPIO_EMC_B1_29
E6
NVCC_EMC1
Digital
GPIO
ALT 5
GPIO_MUX1_IO29
Input
50/35K
PD
GPIO_EMC_B1_30
E3
NVCC_EMC1
Digital
GPIO
ALT 5
GPIO_MUX1_IO30
Input
50/35K
PD
GPIO_EMC_B1_31
D2
NVCC_EMC1
Digital
GPIO
ALT 5
GPIO_MUX1_IO31
Input
50/35K
PD
GPIO_EMC_B1_32
D1
NVCC_EMC1
Digital
GPIO
ALT 5
GPIO_MUX2_IO0
Input
50/35K
PD
GPIO_EMC_B1_33
E2
NVCC_EMC1
Digital
GPIO
ALT 5
GPIO_MUX2_IO1
Input
50/35K
PD
GPIO_EMC_B1_34
E1
NVCC_EMC1
Digital
GPIO
ALT 5
GPIO_MUX2_IO2
Input
50/35K
PD
GPIO_EMC_B1_35
F1
NVCC_EMC1
Digital
GPIO
ALT 5
GPIO_MUX2_IO3
Input
50/35K
PD
GPIO_EMC_B1_36
G1
NVCC_EMC1
Digital
GPIO
ALT 5
GPIO_MUX2_IO4
Input
50/35K
PD
GPIO_EMC_B1_37
H1
NVCC_EMC1
Digital
GPIO
ALT 5
GPIO_MUX2_IO5
Input
50/35K
PD
GPIO_EMC_B1_38
J1
NVCC_EMC1
Digital
GPIO
ALT 5
GPIO_MUX2_IO6
Input
50/35K
PD
GPIO_EMC_B1_39
J2
NVCC_EMC1
Digital
GPIO
ALT 5
GPIO_MUX2_IO7
Input
50/35K
PD
Table 112. 14 x 14 mm functional contact assignment (continued)
Ball name
14 x 14
ball
Power group
Ball
Types
Default setting
Default
modes
Default function
Input/
output
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com