Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 117 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 117 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 113Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 114Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 115Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 116Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 117Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 118Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 119Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 120Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 121Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 124 page
background image
Package information and contact assignments
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products, Rev. 0, 04/2021
NXP Semiconductors
117
PMIC_STBY_REQ
T9
NVCC_SNVS
ANALOG
GPIO
ALT 0
CCM_PMIC_VSTBY_
REQ
Output
Output
low
POR_B
T10
NVCC_SNVS
ANALOG
GPIO
ALT 0
POR_B
—PU
RTC_XTALI
T13
—
—
—
—
—
—
RTC_XTALO
U13
—
—
—
—
—
—
TEST_MODE
T11
NVCC_SNVS
ANALOG
GPIO
ALT 0
TEST_MODE
Input
PD
USB1_DN
E16
—
—
—
—
—
—
USB1_DP
E17
—
—
—
—
—
—
USB2_DN
C16
—
—
—
—
—
—
USB2_DP
C17
—
—
—
—
—
—
USB1_VBUS
D17
—
—
—
—
—
—
USB2_VBUS
D16
—
—
—
—
—
—
XTALI
U16
—
—
—
—
—
—
XTALO
T16
—
—
—
—
—
—
WAKEUP
T8
NVCC_SNVS
ANALOG
GPIO
ALT 5
GPIO13_IO0
Input
PU
1 Pull-up
2 Pull-down
3 Typical resistance value is 50 k for 3.3 V and 35 k for 1.8 V. The range is from 10 k to 100 k (3.3 V) and 20 k to 50 k
(1.8 V).
Table 112. 14 x 14 mm functional contact assignment (continued)
Ball name
14 x 14
ball
Power group
Ball
Types
Default setting
Default
modes
Default function
Input/
output
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com