Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30262LDF1 Datasheet(PDF) 18 Page - Microchip Technology

Part # ZL30262LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30262LDF1 Datasheet(HTML) 18 Page - Microchip Technology

Back Button ZL30262LDF1 Datasheet HTML 14Page - Microchip Technology ZL30262LDF1 Datasheet HTML 15Page - Microchip Technology ZL30262LDF1 Datasheet HTML 16Page - Microchip Technology ZL30262LDF1 Datasheet HTML 17Page - Microchip Technology ZL30262LDF1 Datasheet HTML 18Page - Microchip Technology ZL30262LDF1 Datasheet HTML 19Page - Microchip Technology ZL30262LDF1 Datasheet HTML 20Page - Microchip Technology ZL30262LDF1 Datasheet HTML 21Page - Microchip Technology ZL30262LDF1 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 94 page
background image
ZL30260-ZL30263
Data Sheet
18
© 2021 Microchip Technology Inc.
DS20006554A
and S is the peak-to-peak spread percentage expressed as a decimal (example ±0.5% → S=0.01)
For down-spread applications (ASCR.DWNEN=1), such as PCI Express Refclk, the frequency modulation is triangle-
wave down-spread of up to -1% deviation from the nominal frequency with modulation rate configurable from 25kHz
to 55kHz. The spread deviation and modulation rate are controlled by specifying an increment/decrement step in the
AID registers and the number of APLL input clock cycles to increment and decrement in the ASCNT registers. The
values to be written to the device are calculated as follows:
�������������������� = �������������������� (
������������
2 ∗ ����������������
) − 2
������������ = �������������������� (
����������������
������������
∗
���� ∗ 233
�������������������� + 2
)
All of the input parameters are the same as for center spread above. Note the small differences between these down-
spread equations and the center-spread equations above. ASCNT here has 2 in the denominator while it has 4 for
center-spread. AID has 233 in the numerator for down-spread while it has 232 for center-spread.
During spread-
spectrum operation using the APLL’s feedback divider, AFBREM should be set to 0, AFBDEN should
be set to 1 and AFBBP should be set to 0. Spread-spectrum modulation only occurs when the APLL is locked
(APLLSR.ALK=1).
5.5.8.2 Using the Fractional Output Divider
When ACR1.USEFDIV=1 the device performs frequency modulation by modulating the fractional output divider value
starting from the nominal value specified in the FDIV registers.
For center-spread applications (ASCR.DWNEN=0), the frequency modulation is triangle-wave center-spread of up
to ±5% deviation from the center frequency with modulation rate configurable from 10kHz to 100kHz. (Values outside
of these ranges are often achievable as well.) The spread deviation and modulation rate are controlled by specifying
an increment/decrement step in the AID registers and the number of APLL input clock cycles to increment and
decrement in the ASCNT registers. The ASCR.CNTEN register field must also be set propertly. The values to be
written to the device are calculated as follows:
CNTEN = 0 for FIN < 50MHz
1 for 50MHz  FIN < 100MHz
2 for FIN ≥ 100MHz
�������������������� = �������������������� (
������������
4 ∗ ���������������� ∗ 2��������������������
) − 2
������������ = �������������������� (
����������������
����������������
∗
���� ∗ 234
(�������������������� + 2) ∗ (1 − 0.5����)
)
where FVCO
is the APLL”s VCO frequency in Hz,
FIN
is the input frequency at the APLL’s PFD in Hz,
FOUT
is the fractional output divider block’s output frequency in Hz,
FMOD is the spread-spectrum modulation frequency in Hz,
and S is the peak-to-peak spread percentage expressed as a decimal (example ±0.5% → S=0.01)
For down-spread applications (ASCR.DWNEN=1), such as PCI Express Refclk, the frequency modulation is triangle-
wave down-spread of up to -10% deviation from the nominal frequency with modulation rate configurable from 10kHz
to 100kHz. (Values outside of these ranges are often achievable as well.) The spread deviation and modulation rate
are controlled by specifying an increment/decrement step in the AID registers and the number of APLL input clock
cycles to increment and decrement in the ASCNT registers. The ASCR.CNTEN register field must also be set
propertly. The values to be written to the device are calculated as follows:
CNTEN = 0 for FIN < 50MHz
1 for 50MHz  FIN < 100MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com