Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30262LDF1 Datasheet(PDF) 33 Page - Microchip Technology

Part # ZL30262LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30262LDF1 Datasheet(HTML) 33 Page - Microchip Technology

Back Button ZL30262LDF1 Datasheet HTML 29Page - Microchip Technology ZL30262LDF1 Datasheet HTML 30Page - Microchip Technology ZL30262LDF1 Datasheet HTML 31Page - Microchip Technology ZL30262LDF1 Datasheet HTML 32Page - Microchip Technology ZL30262LDF1 Datasheet HTML 33Page - Microchip Technology ZL30262LDF1 Datasheet HTML 34Page - Microchip Technology ZL30262LDF1 Datasheet HTML 35Page - Microchip Technology ZL30262LDF1 Datasheet HTML 36Page - Microchip Technology ZL30262LDF1 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 94 page
background image
ZL30260-ZL30263
Data Sheet
33
© 2021 Microchip Technology Inc.
DS20006554A
ADDR
REGISTER
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
119
AID1
AID[7:0]
11A
AID2
AID[15:8]
11B
AID3
AID[23:16]
11C
AID4
AID[31:24]
APLL Fractional Divider Registers
140
F1CR1
MODE[3:0]
—
FDL[2:0]
141
F1DIV1
FDIV[7:0]
142
F1DIV2
FDIV[15:8]
143
F1DIV3
FDIV[23:16]
144
F1DIV4
FDIV[31:24]
145
F1DIV5
FDIV[39:32]
146
F1DEN1
FDEN[7:0]
147
F1DEN2
FDEN[15:8]
148
F1DEN3
FDEN[23:16]
149
F1DEN4
FDEN[31:24]
14A
F1REM1
FREM[7:0]
14B
F1REM2
FREM[15:8]
14C
F1REM3
FREM[23:16]
14D
F1REM4
FREM[31:24]
14E
F1BP
—
—
FBP[5:0]
Path 2 Configuration Registers
180
P2CR1
—
DALIGN
EXTSS[1:0]
—
—
1
—
182
P2CR3
—
EXTSW
ALTMUX[2:0]
MUX[2:0]
Output Clock Configuration Registers
OC1 Registers
200
OC1CR1
PHEN
MSDIV[6:0]
201
OC1CR2
—
POL
DRIVE[1:0]
OCSF[3:0]
202
OC1DIFF
VCM[3:0]
VOD[3:0]
203
OC1REG
—
—
—
—
VREG[3:0]
204
OC1CR3
SRLSEN
—
NEGLSD
LSSEL
—
ASQUEL
—
LSDIV[24]
205
OC1DIV1
LSDIV[7:0]
206
OC1DIV2
LSDIV[15:8]
207
OC1DIV3
LSDIV[23:16]
208
OC1DC
OCDC[7:0]
209
OC1PH
—
—
—
—
PHADJ[3:0]
20A
OC1STOP
—
SRC[3:0]
NEGLSD
MODE[1:0]
OC2 Registers
210
OC2CR1
same as OC1 registers
…
…
21A
OC2STOP
OC3 Registers
220
OC3CR1
same as OC1 registers
…
…
22A
OC3STOP
OC4 Registers
230
OC4CR1
same as OC1 registers
…
…
23A
OC4STOP
OC5 Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com