Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30262LDF1 Datasheet(PDF) 86 Page - Microchip Technology

Part # ZL30262LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30262LDF1 Datasheet(HTML) 86 Page - Microchip Technology

Back Button ZL30262LDF1 Datasheet HTML 82Page - Microchip Technology ZL30262LDF1 Datasheet HTML 83Page - Microchip Technology ZL30262LDF1 Datasheet HTML 84Page - Microchip Technology ZL30262LDF1 Datasheet HTML 85Page - Microchip Technology ZL30262LDF1 Datasheet HTML 86Page - Microchip Technology ZL30262LDF1 Datasheet HTML 87Page - Microchip Technology ZL30262LDF1 Datasheet HTML 88Page - Microchip Technology ZL30262LDF1 Datasheet HTML 89Page - Microchip Technology ZL30262LDF1 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 94 page
background image
ZL30260-ZL30263
Data Sheet
86
© 2021 Microchip Technology Inc.
DS20006554A
Table 21 - Electrical Characteristics: SPI Master Interface Timing (ZL30260 and ZL30262 Only)
VDDIO = 3.3V±5% or 2.5V±5% or 1.8V±5%
Characteristics (Notes 1 to 3)
Symbol
Min.
Typ.
Max.
Units
Notes
SCLK output frequency
fBUS
5
MHz
SCLK output cycle time
tCYC
200
ns
SCLK output duty cycle
tCLKH/ tCYC
45
50
55
%
CSN output setup to first SCLK rising edge
tSUC
200
ns
CSN output hold after last SCLK falling edge
tHDC
200
ns
CSN output high time
tCSH
200
ns
MISO input setup time to SCLK rising edge
tSU
15
ns
MISO input hold time from SCLK rising edge
tHD
5
ns
MOSI output valid from SCLK falling edge
tDV
10
ns
SCLK, CSN, MOSI output rise time, fall time
tR, tF
15
ns
MISO input rise time, fall time
tR, tF
10
ns
Note 1:
All timing is specified with 100pF load on all SPI pins.
Note 2:
All parameters in this table are guaranteed by design or characterization.
Note 3:
See timing diagram in Figure 19.
Figure 19 - SPI Master Interface Timing
CSN
SCLK
tSUC
tCYC
tCLKL
tCLKH
tSU
tHD
MOSI
MISO
tHDC
tCSH
tDV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com