Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30262LDF1 Datasheet(PDF) 43 Page - Microchip Technology

Part # ZL30262LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30262LDF1 Datasheet(HTML) 43 Page - Microchip Technology

Back Button ZL30262LDF1 Datasheet HTML 39Page - Microchip Technology ZL30262LDF1 Datasheet HTML 40Page - Microchip Technology ZL30262LDF1 Datasheet HTML 41Page - Microchip Technology ZL30262LDF1 Datasheet HTML 42Page - Microchip Technology ZL30262LDF1 Datasheet HTML 43Page - Microchip Technology ZL30262LDF1 Datasheet HTML 44Page - Microchip Technology ZL30262LDF1 Datasheet HTML 45Page - Microchip Technology ZL30262LDF1 Datasheet HTML 46Page - Microchip Technology ZL30262LDF1 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 94 page
background image
ZL30260-ZL30263
Data Sheet
43
© 2021 Microchip Technology Inc.
DS20006554A
Register Name:
CFGSR
Register Description:
Configuration Status Register
Register Address:
40h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
CFGD
—
IF[1:0]
TEST
AC[2:0]
Default
0
0
see below
see below
see below
`
Bit 7: Configured (CFGD). This read-only bit is cleared by assertion of RSTN, MCR1.HRST or MCR1.SRST and
set when any register is written (by auto-configuration or through the processor interface). CFGD=1 indicates that
the device register set is no longer in factory-default state, and, therefore, the device must be reset before a GUI-
generated configuration script is executed.
Bits 5 to 4: Interface Mode (IF[1:0]). These read-only bits are the latched state of the IF1/MISO and IF0/CSN pins
when the RSTN pin transitions high. See section 5.2.
Bit 3: Test Mode (TEST). This read-only bit is the latched state of the TEST/GPIO3 pin when the RSTN pin
transitions high or the MCR1.HRST bit is deasserted. For proper operation it should be 0. See section 5.2.
Bits 2 to 0: Auto-Configuration (AC[2:0]). These bits are the latched state of the AC2/GPIO2, AC1/GPIO1 and
AC0/GPIO0 pins when the RSTN pin transitions high or the MCR1.HRST bit is deasserted. See section 5.2.
Register Name:
GPIOSR
Register Description:
GPIO Status Register
Register Address:
41h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
GPIO3L
GPIO2L
GPIO1L
GPIO0L
GPIO3
GPIO2
GPIO1
GPIO0
Default
0
0
0
0
pin state
pin state
pin state
pin state
Bit 7: GPIO3 Change Latched Status (GPIO3L). This latched status bit is set to 1 when the GPIO3 status bit
changes state, low-to-high or high-to-low. GPIO3L is cleared when written with a 1. When GPIO3L is set it can cause
an interrupt request if the GPIO3IE interrupt enable bit is set.
Bit 6: GPIO2 Change Latched Status (GPIO2L). This latched status bit is set to 1 when the GPIO2 status bit
changes state, low-to-high or high-to-low. GPIO2L is cleared when written with a 1. When GPIO2L is set it can cause
an interrupt request if the GPIO2IE interrupt enable bit is set.
Bit 5: GPIO1 Change Latched Status (GPIO1L). This latched status bit is set to 1 when the GPIO1 status bit
changes state, low-to-high or high-to-low. GPIO1L is cleared when written with a 1. When GPIO1L is set it can cause
an interrupt request if the GPIO1IE interrupt enable bit is set.
Bit 4: GPIO0 Change Latched Status (GPIO0L). This latched status bit is set to 1 when the GPIO0 status bit
changes state, low-to-high or high-to-low. GPIO0L is cleared when written with a 1. When GPIO0L is set it can cause
an interrupt request if the GPIO0IE interrupt enable bit is set.
Bit 3: GPIO3 State (GPIO3). This real-time status bit indicates the current state of the GPIO3 pin, not influenced by
any inversion that may be specified by GPIOCR2.GPIO3C.
0 = low
1 = high
Bit 2: GPIO2 State (GPIO2). This real-time status bit indicates the current state of the GPIO2 pin, not influenced by
inversion that may be specified by GPIOCR2.GPIO2C.
0 = low
1 = high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com