Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30262LDF1 Datasheet(PDF) 36 Page - Microchip Technology

Part # ZL30262LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30262LDF1 Datasheet(HTML) 36 Page - Microchip Technology

Back Button ZL30262LDF1 Datasheet HTML 32Page - Microchip Technology ZL30262LDF1 Datasheet HTML 33Page - Microchip Technology ZL30262LDF1 Datasheet HTML 34Page - Microchip Technology ZL30262LDF1 Datasheet HTML 35Page - Microchip Technology ZL30262LDF1 Datasheet HTML 36Page - Microchip Technology ZL30262LDF1 Datasheet HTML 37Page - Microchip Technology ZL30262LDF1 Datasheet HTML 38Page - Microchip Technology ZL30262LDF1 Datasheet HTML 39Page - Microchip Technology ZL30262LDF1 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 94 page
background image
ZL30260-ZL30263
Data Sheet
36
© 2021 Microchip Technology Inc.
DS20006554A
Register Name:
MCR2
Register Description:
Master Configuration Register 2
Register Address:
02h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
XAMCK
IC3MCK
IC2MCK
IC1MCK
—
DBL
XAB[1:0]
Default
0
0
0
0
0
0
0
0
Bit 7: XA Monitor Clock (XAMCK). Leave this bit set to 0.
Bit 6: IC3 Monitor Clock (IC3MCK). Leave this bit set to 0.
Bit 5: IC2 Monitor Clock (IC2MCK). Leave this bit set to 0.
Bit 4: IC1 Monitor Clock (IC1MCK). Leave this bit set to 0.
Bit 2: Clock Doubler Enable (DBL). This bit enables the clock doubler for either the output of the crystal driver
circuitry or the signal on the XA pin. During power-up, system software must wait at least 5ms for the crystal driver
circuit to stabilize before enabling the clock doubler. See section 5.3.3.
0 = Disable (power down)
1 = Enable
Bits 1 to 0: XA/XB Pin Mode (XAB[1:0]). This field specifies the behavior of the XA and XB pins. See section 5.3.
00 = Crystal driver and input disabled / powered down
01 = Crystal driver and input enabled on XA/XB
10 = XA enabled as single-ended input for external oscillator signal; XB must be left floating
11 = {unused value}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com