Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30262LDF1 Datasheet(PDF) 20 Page - Microchip Technology

Part # ZL30262LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30262LDF1 Datasheet(HTML) 20 Page - Microchip Technology

Back Button ZL30262LDF1 Datasheet HTML 16Page - Microchip Technology ZL30262LDF1 Datasheet HTML 17Page - Microchip Technology ZL30262LDF1 Datasheet HTML 18Page - Microchip Technology ZL30262LDF1 Datasheet HTML 19Page - Microchip Technology ZL30262LDF1 Datasheet HTML 20Page - Microchip Technology ZL30262LDF1 Datasheet HTML 21Page - Microchip Technology ZL30262LDF1 Datasheet HTML 22Page - Microchip Technology ZL30262LDF1 Datasheet HTML 23Page - Microchip Technology ZL30262LDF1 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 94 page
background image
ZL30260-ZL30263
Data Sheet
20
© 2021 Microchip Technology Inc.
DS20006554A
In both LVDS mode and programmable differential mode the output driver requires a DC path through a 100
 resistor
between OCxP and OCxN for proper operation. This resistor is usually placed as close as possible to the receiver
inputs to terminate the differential signal. If the receiver requires a common-mode voltage that cannot be matched
by the output driver then the POS and NEG signals can be AC-coupled to the receiver after the 100
 resistor.
HCSL mode requires a DC path through a 50
 resistor to ground on each of OCxP and OCxN. Note that each of the
OCxDIFF.VCM, OCxDIFF.VOD and OCxREG.VREG register fields has a particular setting required for HCSL signal
format. See the descriptions of these fields for details.
Outputs are grouped into six power supply banks, VDDOA through VDDOF to allow CMOS or HSTL signal swing
from 1.5V to 3.3V for glueless interfacing to neighboring components. 10-output products have outputs grouped into
banks in a 2-1-2-2-1-2 arrangement, as shown in Figure 1. 6-output products have one output per bank. If OCSF is
set to HSTL mode then a 1.5V power supply voltage should be used to get a standards-compliant HSTL output. Note
that LVDS, LVPECL and HCSL signal formats must have a power supply of 2.5V or 3.3V. Also note that VDDO
voltage must not exceed VDDH voltage.
5.6.2
Output Frequency Configuration
The frequency of each output is determined by the configuration of the APLL, the
APLL’s output dividers, and the
per-output dividers. Each bank of outputs can be connected to the
APLL’s integer divider, the APLL’s fractional
divider, or Path 2 (see section 5.15) using the appropriate field in the OCMUX registers.
Each output has two output dividers, a 7-bit medium-speed divider (OCxCR1.MSDIV) and a 24-bit low-speed output
divider (LSDIV field in the OCxDIV registers). These dividers are in series, medium-speed divider first then output
divider. These dividers produce signals with 50% duty cycle for all divider values including odd numbers. The low-
speed divider can only be used if the medium-speed divider is used (i.e. OCxCR1.MSDIV>0). The maxium input
frequency to the medium-speed divider is 750MHz.
Since each output has its own independent dividers, the device can output families of related frequencies that have
an APLL output frequency as a common multiple. For example, for Ethernet clocks, a 625MHz APLL output clock
can be divided by four for one output to get 156.25MHz, divided by five for another output to get 125MHz, and divided
by 25 for another output to get 25MHz. Similarly, for SDH/SONET clocks, a 622.08MHz APLL output clock can be
divided by 4 to get 155.52MHz, by 8 to get 77.76MHz, by 16 to get 38.88MHz or by 32 to get 19.44MHz.
Two Different Frequencies in 2xCMOS Mode
When an output is in 2xCMOS mode it can be configured to have the frequency of the OCxN clock be an integer
divisor of the frequency of the OCxP clock. Examples of where this can be useful:
•
125MHz on OCxP and 25MHz on OCxN for Ethernet applications
•
77.76MHz on OCxP and 19.44MHz on OCxN for SONET/SDH applications
• 25MHz on OCxP and 1Hz (i.e. 1PPS) on OCxN for telecom applications with Synchronous Ethernet and
IEEE1588 timing
An output can be configured to operate like this by setting the LSDIV value in the OCxDIV registers to OCxP_freq /
OCxN_freq - 1 and setting OCxCR3.LSSEL=0 and OCxCR3.NEGLSD=1. Here are some notes about this dual-
frequency configuration option:
• In this mode only the medium speed divider is used to create the OCxP frequency. The low-speed
divider is then used to divide the OCxP frequency down to the OCxN frequency. This means that
the lowest OCxP frequency is the APLL divider output frequency divided by 128.
• An additional constraint is that the medium-speed divider must be configured to divide by 2 or more
(i.e. must have OCxCR1.MSDIV
1).
5.6.3
Output Duty Cycle Adjustment
For output frequencies less than or equal to 141.666MHz, the duty cycle of the output clock can be modified using
the OCxDC.OCDC register field. This behavior is only available when MSDIV>0 and LSDIV > 1. When OCDC = 0
the output clock is 50%. Otherwise the clock signal is a pulse with a width of OCDC number of MSDIV output clock
periods. The range of OCDC can create pulse widths of 1 to 255 MSDIV output clock periods. When OCxCR2.POL=0,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com