Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30262LDF1 Datasheet(PDF) 83 Page - Microchip Technology

Part # ZL30262LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30262LDF1 Datasheet(HTML) 83 Page - Microchip Technology

Back Button ZL30262LDF1 Datasheet HTML 79Page - Microchip Technology ZL30262LDF1 Datasheet HTML 80Page - Microchip Technology ZL30262LDF1 Datasheet HTML 81Page - Microchip Technology ZL30262LDF1 Datasheet HTML 82Page - Microchip Technology ZL30262LDF1 Datasheet HTML 83Page - Microchip Technology ZL30262LDF1 Datasheet HTML 84Page - Microchip Technology ZL30262LDF1 Datasheet HTML 85Page - Microchip Technology ZL30262LDF1 Datasheet HTML 86Page - Microchip Technology ZL30262LDF1 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 94 page
background image
ZL30260-ZL30263
Data Sheet
83
© 2021 Microchip Technology Inc.
DS20006554A
Table 17 - Electrical Characteristics: Clock Buffer (APLL Bypass Path and Path 2)
Characteristics
Min.
Typ.
Max.
Units
Notes
Additive Jitter (Note 7)
100MHz
0.198
ps RMS
Notes 1, 5
125MHz
0.174
156.25MHz
0.155
0.175
200MHz
0.141
400MHz
0.115
800MHz
0.094
Input-to-Output Propagation Delay, from IC1 or IC2 input
2
2.3
2.6
ns
Note 3
3
3.4
3.8
ns
Note 4
Input-to-Output Propagation Delay, from IC3 input
1.9
2.3
2.6
ns
Note 3
2.9
3.4
3.8
ns
Note 4
Input-to-Output Propagation Delay, from XA input
2.9
3.3
3.7
ns
Note 3
3.9
4.4
4.9
ns
Note 4
Output-to-Output Skew
60
100
ps
Note 2
Output Phase Jitter, 50MHz crystal, 50MHz output
0.29
ps RMS
Notes 5, 6
Output Period Jitter, 50MHz crystal, 50MHz output
11
ps pk-pk
N=10000, Note 6
Output Cycle-to-Cycle Jitter, 50MHz crystal, 50MHz output
11
ps pk
N=10000, Note 6
Note 1:
APLL bypass enabled, input frequency = output frequency, LVPECL output signal format.
Note 2:
Only applies for outputs that have the same signal format, VDDO voltage, drive strength and load/termination. Also, this skew
spec doesn’t apply to OCxN when an output pair is configured with OCxCR3NEGLSD=1; in this configuration OCxN lags OCxP by
up to 1ns.
Note 3:
Differential outputs with 100
 differential termination (LVDS, LVPECL, Programmable Differential).
Note 4:
CMOS/HSTL outputs, 5pF load.
Note 5:
Jitter calculated from integrated phase noise from 12kHz to 20MHz.
Note 6:
Tested with 50MHz crystal TXC 7M50070021.
Note 7:
Additive jitter contributes in a root-of-sum-of-squares manner. For example, a 156.25MHz input signal with 220fs of jitter will
experience typical additive jitter of 155fs in the device, and the resulting output jitter will be sqrt(2202+1552)=269fs.
Table 18 - Electrical Characteristics: Typical Input-to-Output Clock Delay Through APLL
Mode
Delay, Input Clock Edge to Output Clock Edge
All Modes
Non-deterministic but constant as long as the APLL remains locked
and output clock phases are not adjusted as described in section 5.6.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com