Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30262LDF1 Datasheet(PDF) 16 Page - Microchip Technology

Part # ZL30262LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30262LDF1 Datasheet(HTML) 16 Page - Microchip Technology

Back Button ZL30262LDF1 Datasheet HTML 12Page - Microchip Technology ZL30262LDF1 Datasheet HTML 13Page - Microchip Technology ZL30262LDF1 Datasheet HTML 14Page - Microchip Technology ZL30262LDF1 Datasheet HTML 15Page - Microchip Technology ZL30262LDF1 Datasheet HTML 16Page - Microchip Technology ZL30262LDF1 Datasheet HTML 17Page - Microchip Technology ZL30262LDF1 Datasheet HTML 18Page - Microchip Technology ZL30262LDF1 Datasheet HTML 19Page - Microchip Technology ZL30262LDF1 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 94 page
background image
ZL30260-ZL30263
Data Sheet
16
© 2021 Microchip Technology Inc.
DS20006554A
to correspond with FDIV having 24 fractional bits. Finally, in equation (6) the fdiv bits are shifted into the proper
position for the FDIV registers.
When a fractional scaling scenario involves multiplying an integer M times multiple scaling ratios N1 / D1 through
Nn / Dn, the equations above can still be used if the numerators are multiplied together to get N = N1 x N2
x … x Nn
and the denominators are multiplied together to get D = D1 x D2
x … x Dn.
The easiest way to calculate the exact values to write to the
APLL’s fractional output divider registers is to use the
ZL3026x evaluation software, available on the Microchip website. This software can be used even when no
evaluation board is attached to the computer.
5.5.6
Numerically Controlled Oscillator (NCO) Mode
5.5.6.1
Using the APLL’s Feedback Divider
System software can steer output frequencies with high resolution by manipulating the
APLL’s AFBDIV value. The
resolution can be better than 0.01ppb.
The nominal AFBDIV value, hereafter referred to as AFBDIV0, is the 0ppm nominal value for the desired device
configuration.
(Fractional frequency offset (FFO) is defined as (actual_frequency
– nominal_frequency) / nominal_frequency. FFO
is a unitless number but is typically expressed in parts per billion (ppb), parts per million (ppm) or percent.)
To control the NCO, system software first reads the AFBDIV0 value from the device. Even though the AFBDIV
register description describes AFBDIV as having 9 integer bits and 33 fractional bits, for the NCO calculations that
follow, AFBDIV values should be treated as 42-bit unsigned integers.
To change the NCO frequency to a specific FFO (in ppm), system software calculates newAFBDIV (a 42-bit unsigned
integer) as follows:
newAFBDIV = round(AFBDIV0 * (1 + FFO/1e6))
System software then writes the newAFBDIV value directly to the AFBDIV registers.
Note that any subsequent frequency changes are calculated using the same equation from the original AFBDIV0
value and are not a function of the previous newAFBDIV value. The value of newAFBDIV should be kept within
±1000ppm of AFBDIV0 and within ±500ppm of the previous newAFBDIV value to avoid causing the APLL to lose
lock. If spread spectrum modulation is also in use, the total frequency change caused by spread spectrum modulation
and NCO control should be kept within ±5000ppm of AFBDIV0 to avoid causing the APLL to lose lock.
During NCO operation
using the APLL’s feedback divider, AFBREM should be set to 0, AFBDEN should be set to 1
and AFBBP should be set to 0.
5.5.6.2 Using the Fractional Output Divider
System software can steer output frequencies derived from the fractional output divider with high resolution by
manipulating the divider
’s FDIV value. The resolution can be better than 0.01ppb. In the case of fractional output
divider value >14.55192, the resolution is better than 1ppt.
The nominal FDIV value, hereafter referred to as FDIV0, is the 0ppm nominal value for the desired device
configuration.
(Fractional frequency offset (FFO) is defined as (actual_frequency
– nominal_frequency) / nominal_frequency. FFO
is a unitless number but is typically expressed in parts per billion (ppb), parts per million (ppm) or percent.)
To control the NCO, system software first reads the FDIV0 value from the device. Even though the FDIV register
description describes FDIV as having 4 integer bits and 36 fractional bits, for the NCO calculations that follow, FDIV
values should be treated as 40-bit unsigned integers.
To change the NCO frequency to a specific FFO (in ppm), system software calculates newFDIV (a 40-bit unsigned
integer) as follows:
newFDIV = round(FDIV0 / (1 + FFO/1e6))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com