Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30262LDF1 Datasheet(PDF) 58 Page - Microchip Technology

Part # ZL30262LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30262LDF1 Datasheet(HTML) 58 Page - Microchip Technology

Back Button ZL30262LDF1 Datasheet HTML 54Page - Microchip Technology ZL30262LDF1 Datasheet HTML 55Page - Microchip Technology ZL30262LDF1 Datasheet HTML 56Page - Microchip Technology ZL30262LDF1 Datasheet HTML 57Page - Microchip Technology ZL30262LDF1 Datasheet HTML 58Page - Microchip Technology ZL30262LDF1 Datasheet HTML 59Page - Microchip Technology ZL30262LDF1 Datasheet HTML 60Page - Microchip Technology ZL30262LDF1 Datasheet HTML 61Page - Microchip Technology ZL30262LDF1 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 94 page
background image
ZL30260-ZL30263
Data Sheet
58
© 2021 Microchip Technology Inc.
DS20006554A
Register Name:
AFBBP
Register Description:
APLL Feedback Divider Truncate Bit Position
Register Address:
114h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
AFBBP[7:0]
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: APLL Feedback Divider Truncate Bit Position (AFBBP[7:0]). This unsigned integer specifies the
number of fractional bits that are valid in the AFBDIV value. There are 33 fractional bits in AFBDIV. The value in this
AFBBP field specifies 33
– number_of_valid_AFBDIV_fractional_bits. When AFBBP=0 all 33 AFBDIV fractional bits
are valid. When AFBBP=9, the most significant 24 AFBDIV fractional bits are valid and the least significant 9 bits
must be set to 0. This register field is only used when the feedback divider value is expressed in the form AFBDIV +
AFBREM / AFBDEN. AFBBP values greater than 33 are invalid. See section 5.5.4.
Register Name:
AIDCR
Register Description:
APLL Frequency Increment-Decrement Configuration Register
Register Address:
115h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
DECF
FDSS[2:0]
INCF
FISS[2:0]
Default
0
0
0
0
0
0
0
0
Bit 7: Decrement Frequency (DECF). When FDSS=000, this bit is the APLL frequency decrement control signal.
See section 5.5.7.
Bits 6 to 4: Frequency Decrement Source Select (FDSS[2:0]). This field specifies the APLL frequency decrement
control signal. Every low-to-high transition and every high-to-
low transition of the signal decrements the APLL’s
output frequency by the amount specified by AID[23:0] x 27. See section 5.5.7.
000 = DECF bit
001 = GPIO0
010 = GPIO1
011 = GPIO2
100 = GPIO3
101 to 111 = {unused values}
Bit 3: Increment Frequency (INCF). When FISS=000, this bit is the APLL frequency increment control signal. See
section 5.5.7.
Bits 2 to 0: Frequency Increment Source Select (FISS[2:0]). This field specifies the APLL frequency increment
control signal. Every low-to-high transition and every high-to-low
transition of the signal increments the APLL’s output
frequency by the amount specified by AID[23:0] x 27. See section 5.5.7.
000 = INCF bit
001 = GPIO0
010 = GPIO1
011 = GPIO2
100 = GPIO3
101 to 111 = {unused values}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com