Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30262LDF1 Datasheet(PDF) 23 Page - Microchip Technology

Part # ZL30262LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30262LDF1 Datasheet(HTML) 23 Page - Microchip Technology

Back Button ZL30262LDF1 Datasheet HTML 19Page - Microchip Technology ZL30262LDF1 Datasheet HTML 20Page - Microchip Technology ZL30262LDF1 Datasheet HTML 21Page - Microchip Technology ZL30262LDF1 Datasheet HTML 22Page - Microchip Technology ZL30262LDF1 Datasheet HTML 23Page - Microchip Technology ZL30262LDF1 Datasheet HTML 24Page - Microchip Technology ZL30262LDF1 Datasheet HTML 25Page - Microchip Technology ZL30262LDF1 Datasheet HTML 26Page - Microchip Technology ZL30262LDF1 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 94 page
background image
ZL30260-ZL30263
Data Sheet
23
© 2021 Microchip Technology Inc.
DS20006554A
EEPROM Writes (ZL30261, ZL30263 Only). The internal EEPROM memory is accessible when the EESEL bit is 1.
After driving CSN low, the bus master transmits the write enable command and then drives CSN high to set the
internal write enable latch. The bus master then drives CSN low again and transmits the write command followed by
the 16-bit address followed by the first data byte to be written. The device first copies the page to be written from
EEPROM to its page buffer. The device then receives the first data byte on MOSI, writes it to its page buffer,
increments its internal address register, and prepares to receive the next data byte. If the master continues to
transmit, the device continues to write the data received to its page buffer and continues to increment its address
counter. The address counter rolls over at the 32-byte page boundary (i.e. when the five least-significant address
bits are 11111). When the bus master drives CSN high, the device transfers the data in the page buffer to the
appropriate page in the EEPROM memory. See Figure 7 and Figure 8.
EEPROM Read Status (ZL30261, ZL30263 Only). After the bus master drives CSN high to end an EEPROM write
command, the EEPROM memory is not accessible for up to 5ms while the data is transferred from the page buffer.
To determine when this transfer is complete, the bus master can use the Read Status command. After driving CSN
low, the bus master transmits the Read Status command. The device then responds with the status byte on MISO.
In this byte, the least significant bit is set to 1 if the transfer is still in progress and 0 if the transfer has completed.
Early Termination of Bus Transactions. The bus master can terminate SPI bus transactions at any time by pulling
CSN high. In response to early terminations, the device resets its SPI interface logic and waits for the start of the
next transaction. If a register write transaction is terminated prior to the SCLK edge that latches the least significant
bit of a data byte, the data byte is not written. On devices with internal EEPROM, if an EEPROM write transaction is
terminated prior to the SCLK edge that latches the least significant bit of a data byte, none of the bytes in that write
transaction are written.
Design Option: Wiring MOSI and MISO Together. Because communication between the bus master and the device
is half-duplex, the MOSI and MISO pins can be wired together externally to reduce wire count. To support this option,
the bus master must not drive the MOSI/MISO line when the device is transmitting.
AC Timing. See Table 19 and Figure 18 for AC timing specifications for the SPI interface.
Figure 6 - SPI Read Transaction Functional Timing
Figure 7 - SPI Write Enable Transaction Functional Timing (ZL30261 and ZL30263 Only)
CS
1
0
2
3
5
4
6
7
8
9
10
22 23 24 25 26 27 28 29 30 31
SCLK
0
0
0
0
0
0
1
1
15 14 13
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Command
16-bit Address
Data Byte 1
Data Byte n
MOSI
High Impedance
MISO
CS
1
0
2
3
5
4
6
7
SCLK
0
0
0
0
1
0
1
0
Command
MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com