Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30262LDF1 Datasheet(PDF) 25 Page - Microchip Technology

Part # ZL30262LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30262LDF1 Datasheet(HTML) 25 Page - Microchip Technology

Back Button ZL30262LDF1 Datasheet HTML 21Page - Microchip Technology ZL30262LDF1 Datasheet HTML 22Page - Microchip Technology ZL30262LDF1 Datasheet HTML 23Page - Microchip Technology ZL30262LDF1 Datasheet HTML 24Page - Microchip Technology ZL30262LDF1 Datasheet HTML 25Page - Microchip Technology ZL30262LDF1 Datasheet HTML 26Page - Microchip Technology ZL30262LDF1 Datasheet HTML 27Page - Microchip Technology ZL30262LDF1 Datasheet HTML 28Page - Microchip Technology ZL30262LDF1 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 94 page
background image
ZL30260-ZL30263
Data Sheet
25
© 2021 Microchip Technology Inc.
DS20006554A
command (see Table 3), the upper byte of the register address, and the lower byte of the register address. The bus
master then does an I2C read. During each acknowledge (A) bit the device fetches data from the read address and
then increments the read address. The device then transmits the data to the bus master during the next 8 SCL cycles.
The bus master terminates the read with a not-acknowledge (NA) followed by a STOP condition (P). See Figure 9.
After the I2C write there can be unlimited idle time on the bus before the I2C read, but the device cannot tolerate other
I2C bus traffic between the I2C write and the I2C read. Care must be taken to ensure that the I2C read is the first
command on the bus after the I2C write to ensure the two-part read transaction happens correctly.
Register Write Transactions. The device registers are accessible when the EESEL bit is 0. The bus master does
an I2C write to the device. The first three bytes of this transaction are the SPI Write command (see Table 3), the
upper byte of the register address, and the lower byte of the register address. Subsequent bytes are data bytes to
be written. After each data byte is received, the device writes the byte to the write address and then increments the
write address. The bus master terminates the write with a STOP condition (P). See Figure 10.
EEPROM Writes (ZL30261 and ZL30263 Only). The EEPROM memory is accessible when the EESEL bit is 1. The
bus master first does an I2C write to transmit the SPI Write Enable command (see Table 3) to the device. The bus
master then does an I2C write to transmit data to the device as described in the Register Write Transactions
paragraph above. See Figure 11.
EEPROM Read Status (ZL30261 and ZL30263 Only). The bus master first does an I2C write to transmit the SPI
Read Status command (see Table 3) to the device. The bus master then does an I2C read to get the status byte. In
this byte, the least significant bit is set to 1 if the transfer is still in progress and 0 if the transfer has completed. See
Figure 12. Similar to read transactions described above, the I2C write and the I2C read cannot be separated by other
I2C bus traffic.
I2C Features Not Supported by the Device. The I2C specification has several optional features that are not
supported by the device. These are: 3.4Mbit/s high-speed mode (Hs-mode), 10-bit device addressing, general call
address, software reset, and device ID. The device does not hold SCL low to force the master to wait.
I2C Slave Address. By default the upper 5
bits of the device’s 7-bit slave address are fixed at 11101 and the lower
2 bits can be pin-configured for any of three values as shown in the table in section 5.2. For a device that can auto-
configure from EEPROM at power-up, its I2C slave address can be set to any value during auto-configuration at
power-up by writing the the I2CA register as part of the configuration script.
Bit Order. The I2C specification requires device address, register address and all data bytes to be transmitted most
significant bit first on the SDA signal.
Note: as required by the I2C specification, when power is removed from the device, the SDA and SCL pins are left
floating so they don’t obstruct the bus lines.
Figure 9 - I2C Read Transaction Functional Timing
slave device
address
S
R/W A
7 bits
read
command
A
0 (write)
P
slave device
address
S
S = START condition
P = STOP condition
A = acknowledge (SDA low)
NA = not acknowledge (SDA high)
R/W A
7 bits
data byte1
A
data byteN NA P
1 (read)
reg. address
upper byte
A
reg. address
lower byte
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com