Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30262LDF1 Datasheet(PDF) 19 Page - Microchip Technology

Part # ZL30262LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30262LDF1 Datasheet(HTML) 19 Page - Microchip Technology

Back Button ZL30262LDF1 Datasheet HTML 15Page - Microchip Technology ZL30262LDF1 Datasheet HTML 16Page - Microchip Technology ZL30262LDF1 Datasheet HTML 17Page - Microchip Technology ZL30262LDF1 Datasheet HTML 18Page - Microchip Technology ZL30262LDF1 Datasheet HTML 19Page - Microchip Technology ZL30262LDF1 Datasheet HTML 20Page - Microchip Technology ZL30262LDF1 Datasheet HTML 21Page - Microchip Technology ZL30262LDF1 Datasheet HTML 22Page - Microchip Technology ZL30262LDF1 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 94 page
background image
ZL30260-ZL30263
Data Sheet
19
© 2021 Microchip Technology Inc.
DS20006554A
2 for FIN ≥ 100MHz
�������������������� = �������������������� (
������������
2 ∗ ���������������� ∗ 2��������������������
) − 2
������������ = �������������������� (
����������������
����������������
∗
���� ∗ 235
(�������������������� + 2) ∗ (1 − 0.5����)
)
All of the input parameters are the same as for center spread above. Note the small differences between these down-
spread equations and the center-spread equations above. ASCNT here has 2 in the denominator while it has 4 for
center-spread. AID has 235 in the numerator for down-spread while it has 234 for center-spread.
During spread-spectrum operation using the fractional output divider, FREM should be set to 0, FDEN should be set
to 1 and FBP should be set to 0. The F1CR1.MODE field must be set to 1 when doing spread-spectrum modulation
with the fractional output divider value. Spread-spectrum modulation only occurs when the APLL is locked
(APLLSR.ALK=1).
5.5.9
APLL Phase Adjustment
The phase of the APLL’s output clock can be incremented or decremented. When the APLL’s AFBDIV value is not
an exact multiple of 0.5 then the phase adjustment step size is 1/8th of a VCO cycle. This phase step size is 30ps at
maximum VCO frequency of 4180MHz and 33.7ps at minimum VCO frequency of 3715MHz. The ACR4.PDSS field
specifies the phase decrement control signal, which can be the ACR4.DECPH bit or any of the four GPIOs. The
ACR4.PISS field specifies the phase increment control signal, which can be the ACR4.INCPH bit or any of the four
GPIOs. Phase is adjusted on every rising edge and every falling edge of the control signal. This phase adjustment
affects the output of the APLL’s output dividers (integer and fractional).
When the APLL’s AFBDIV value is an exact multiple of 0.5 then the phase adjustment step size is one VCO cycle.
5.6
Output Clock Configuration
The ZL30260 and ZL30261 have six output clock signal pairs while the ZL30262 and ZL30263 have ten. Each output
has individual divider, enable and signal format controls. In CMOS mode each signal pair can become two CMOS
outputs, allowing the device to have up to 12 or 20 output clock signals. Also in CMOS mode, the OCxN pin can have
an additional divider allowing the OCxN frequency to be an integer divisor of the OCxP frequency (example: OC3P
125MHz and OC3N 25MHz). The outputs can be aligned relative to each other, and the phases of output signals can
be adjusted dynamically with high resolution.
5.6.1
Output Enable, Signal Format, Voltage and Interfacing
To use an output, the output driver must be enabled by setting OCxCR2.OCSF
0, and the per-output dividers must
be enabled by setting the appropriate bit in the OCEN register. The per-output dividers include the medium-speed
divider, the low-speed divider and the associated phase adjustment/alignment circuitry and start/stop logic.
Using the OCxCR2.OCSF register field, each output pair can be disabled or configured as LVDS, LVPECL, HCSL,
HSTL, or one or two CMOS outputs. When an output is disabled it is high impedance, and the output driver is in a
low-power state. In CMOS mode, the OCxN pin can be disabled, in-phase or inverted vs. the OCxP pin. All of these
options are specified by OCxCR2.OCSF. The clock to the output driver can inverted by setting OCxCR2.POL=1. The
CMOS/HSTL output driver can be set to any of four drive strengths using OCxCR2.DRIVE.
When OCxCR2.OCSF=0001 the output driver is in LVDS mode. VOD is forced to 400mV and OCxDIFF.VOD is
ignored. VCM can be configured in OCxDIFF.VCM, but the default value of 0000 is typically used to get VCM=1.23V
for LVDS.
When OCxCR2.OCSF=0010 the output driver is in programmable differential mode. In this mode the output swing
(VOD) can be set in OCxDIFF.VOD and the common-mode voltage can be set in OCxDIFF.VCM. Together these
fields allow the output signal to be customized to meet the requirements of the clock receiver and minimize the need
for external components. By default, when OCSF=0010 the output is configured for LVPECL signal swing with a
1.23V common mode voltage. This gives a signal that can be AC-coupled (after a 100
 termination resistor) to
receivers that are LVPECL or that require a larger signal swing than LVDS. The output driver can also be configured
for LVPECL output with standard 2.0V common-mode voltage by seting OCxDIFF.VCM for 2.0V and setting
OCxREG.VREG appropriately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com