Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30262LDF1 Datasheet(PDF) 47 Page - Microchip Technology

Part # ZL30262LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30262LDF1 Datasheet(HTML) 47 Page - Microchip Technology

Back Button ZL30262LDF1 Datasheet HTML 43Page - Microchip Technology ZL30262LDF1 Datasheet HTML 44Page - Microchip Technology ZL30262LDF1 Datasheet HTML 45Page - Microchip Technology ZL30262LDF1 Datasheet HTML 46Page - Microchip Technology ZL30262LDF1 Datasheet HTML 47Page - Microchip Technology ZL30262LDF1 Datasheet HTML 48Page - Microchip Technology ZL30262LDF1 Datasheet HTML 49Page - Microchip Technology ZL30262LDF1 Datasheet HTML 50Page - Microchip Technology ZL30262LDF1 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 94 page
background image
ZL30260-ZL30263
Data Sheet
47
© 2021 Microchip Technology Inc.
DS20006554A
Register Name:
APLLSR
Register Description:
APLL Status Register
Register Address:
48h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
AIFLL
AIFL
AIFHL
AIFH
ALKL
ALK
—
SELREF
Default
0
0
0
0
0
0
0
0
Bit 7: APLL Input Frequency Low Latched Status (AIFLL). This latched status bit is set to 1 when the AIFL status
bit is set. AIFLL is cleared when written with a 1. When AIFLL is set it can cause an interrupt request if the AIFLIE
interrupt enable bit is set.
Bit 6: APLL Input Frequency Low Status (AIFL). This real-time status bit indicates that the input frequency to the
APLL is lower that expected.
0 = Input frequency ok
1 = Input frequency low
Bit 5: APLL Input Frequency High Latched Status (AIFHL). This latched status bit is set to 1 when the AIFH status
bit is set. AIFHL is cleared when written with a 1. When AIFHL is set it can cause an interrupt request if the AIFHIE
interrupt enable bit is set.
Bit 4: APLL Input Frequency High Status (AIFH). This real-time status bit indicates that the input frequency to the
APLL is higher that expected.
0 = Input frequency ok
1 = Input frequency high
Bit 3: APLL Lock Latched Status (ALKL). This latched status bit is set to 1 when the ALK status bit changes state
(set or cleared). ALKL is cleared when written with a 1. When ALKL is set it can cause an interrupt request if the
ALKIE interrupt enable bit is set.
Bit 2: APLL Lock Status (ALK). This real-time status bit indicates the lock status of the APLL. See section 5.5.
0 = Not locked
1 = Locked
Bit 0: Selected Reference (SELREF). This real-time status field indicates the
APLL’s selected reference. See
section 5.5.3.
0 = The input specified by ACR3.APLLMUX
1 = The input specified by ACR3.ALTMUX
Register Name:
P2SR
Register Description:
Path 2 Status Register
Register Address:
49h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
—
—
—
—
—
—
—
SELREF
Default
0
0
0
0
0
0
0
0
Bit 0: Selected Reference (SELREF). This real-time status field indicates
Path 2’s selected reference. See section
5.15.
0 = The input specified by P2CR3.MUX
1 = The input specified by P2CR3.ALTMUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com