Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZL30262LDF1 Datasheet(PDF) 46 Page - Microchip Technology

Part # ZL30262LDF1
Description  1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ZL30262LDF1 Datasheet(HTML) 46 Page - Microchip Technology

Back Button ZL30262LDF1 Datasheet HTML 42Page - Microchip Technology ZL30262LDF1 Datasheet HTML 43Page - Microchip Technology ZL30262LDF1 Datasheet HTML 44Page - Microchip Technology ZL30262LDF1 Datasheet HTML 45Page - Microchip Technology ZL30262LDF1 Datasheet HTML 46Page - Microchip Technology ZL30262LDF1 Datasheet HTML 47Page - Microchip Technology ZL30262LDF1 Datasheet HTML 48Page - Microchip Technology ZL30262LDF1 Datasheet HTML 49Page - Microchip Technology ZL30262LDF1 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 94 page
background image
ZL30260-ZL30263
Data Sheet
46
© 2021 Microchip Technology Inc.
DS20006554A
Register Name:
ICISR
Register Description:
Input Clock Interrupt Status Register
Register Address:
44h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
—
—
—
—
XA
IC3
IC2
IC1
Default
0
0
0
0
0
0
0
0
Bit 3: XA Input Interrupt Status (XA). This bit indicates the current status of the interrupt sources for XA. This bit
is set when latched status XASR.XAL is set and the associated interrupt enable bit is also set. See section 5.8.
Bit 2 to 0: Input Clock x Interrupt Status (IC[3:1]). Each bit indicates the current status of the interrupt sources for
the corresponding input. It is set when latched status ICxSR.ICVL is set and the associated interrupt enable bit is
also set. See section 5.8.
Register Name:
OCISR1
Register Description:
Output Clock Interrupt Status Register 1
Register Address:
45h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
OC8
OC7
OC6
OC5
OC4
OC3
OC2
OC1
Default
0
0
0
0
0
0
0
0
Bits 7 to 0: Output Clock x Interrupt Status (OC[8:1]). Each bit indicates the current status of the interrupt sources
for the corresponding output. It is set when any latched status bit in the OCxSR register is set and the associated
interrupt enable bit is also set. See section 5.8.
Register Name:
OCISR2
Register Description:
Output Clock Interrupt Status Register 2
Register Address:
46h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
—
—
—
—
—
—
OC10
OC9
Default
0
0
0
0
0
0
0
0
See the OCISR1 register description above.
Register Name:
APLLISR
Register Description:
APLL Interrupt Status Register
Register Address:
47h
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Name
—
—
—
—
—
—
—
APLL
Default
0
0
0
0
0
0
0
0
Bit 0: APLL Interrupt Status (APLL). This bit indicates the current status of the interrupt sources for the APLL. It is
set when any latched status bit in the APLLSR register is set and the associated interrupt enable bit is also set. See
section 5.8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com